Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 129Page - Renesas Technology Corp M16C/1N Datasheet HTML 130Page - Renesas Technology Corp M16C/1N Datasheet HTML 131Page - Renesas Technology Corp M16C/1N Datasheet HTML 132Page - Renesas Technology Corp M16C/1N Datasheet HTML 133Page - Renesas Technology Corp M16C/1N Datasheet HTML 134Page - Renesas Technology Corp M16C/1N Datasheet HTML 135Page - Renesas Technology Corp M16C/1N Datasheet HTML 136Page - Renesas Technology Corp M16C/1N Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 121 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
• Example of receive timing when transfer data is 8 bits long (parity disabled, one stop bit)
D0
Start bit
Sampled "L"
BRGi count
source
Receive enable bit
RxDi
Transfer clock
Receive
complete flag
Stop bit
"1"
"0"
"0"
"1"
The above timing applies to the following settings:
Parity is disabled.
One stop bit.
Receive interrupt
request bit
"0"
"1"
Reception triggered when transfer clock
is generated by falling edge of start bit
Cleared to "0" when interrupt request is accepted, or cleared by software
Receive data taken in
Transferred from UARTi receive register to
UARTi receive buffer register
D7
D1
13.2.1 RxD1 Input pin Selection Function (UART1)
This function allows the setting two RxD1 input pins and choosing one of the two to input serial data by
using the RxD1 input pin select bit (bits 6 at address 00B016).
When selecting "1" (P35) for RxD1 input pin select bit, P37 functions as TxD1 output pin. When select-
ing "0" (P37), serial data output cannot be performed. However, P35 can be used as an input/output
port.
Figure 13.13 Typical receive timing in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com