Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 133Page - Renesas Technology Corp M16C/1N Datasheet HTML 134Page - Renesas Technology Corp M16C/1N Datasheet HTML 135Page - Renesas Technology Corp M16C/1N Datasheet HTML 136Page - Renesas Technology Corp M16C/1N Datasheet HTML 137Page - Renesas Technology Corp M16C/1N Datasheet HTML 138Page - Renesas Technology Corp M16C/1N Datasheet HTML 139Page - Renesas Technology Corp M16C/1N Datasheet HTML 140Page - Renesas Technology Corp M16C/1N Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 125 of 222
M16C/1N Group
14. A/D Converter
REJ09B0007-0100Z
b7
b7
b0
b0
(b15)
(b8)
A/D register
Symbol
AD
Address
00C016
00C116
When reset
Indeterminate
Indeterminate
RW
RO
RO
Function
Eight low-order bits of A/D conversion result
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if
read, turns out to be "0".
During 10-bit mode
Two high-order bits of A/D conversion result
During 8-bit mode
The value, if read, turns out to be indeterminate.
0
0
0
b7
b6
b5 b4
b3
b2
b1
b0
A/D control register 2 (Note 1)
SMP
A/D conversion method
select bit
0 : Without sample and hold
1 : With sample and hold
Reserved bit
Set to "0"
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out
to be "0".
Symbol
ADCON2
Address
00D416
When reset
XXXX00002
RW
RW
RW
Function
Bit name
Bit symbol
Note 1: If the A/D control register is rewritten during A/D conversion, the conversion result is indeterminate.
Figure 14.3 A/D converter-related registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com