Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 135Page - Renesas Technology Corp M16C/1N Datasheet HTML 136Page - Renesas Technology Corp M16C/1N Datasheet HTML 137Page - Renesas Technology Corp M16C/1N Datasheet HTML 138Page - Renesas Technology Corp M16C/1N Datasheet HTML 139Page - Renesas Technology Corp M16C/1N Datasheet HTML 140Page - Renesas Technology Corp M16C/1N Datasheet HTML 141Page - Renesas Technology Corp M16C/1N Datasheet HTML 142Page - Renesas Technology Corp M16C/1N Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 127 of 222
M16C/1N Group
14. A/D Converter
REJ09B0007-0100Z
01
b7
b6
b5 b4
b3
b2
b1
b0
A/D control register 0 (Note 1)
CH0
CH1
CH2
Analog input pin select bit
ADGSEL0
A/D input group select bit
0 : Port P0 group is selected
1 : Port P1 group is selected
MD
A/D operation mode
select bit 0
1 : Repeat mode (Note 2)
ADST
Reserved bit
Set to "0"
A/D conversion start flag
0 : A/D conversion disabled
1 : A/D conversion started
CKS0
Frequency select bit 0
0 : fAD/4 is selected
1 : fAD/2 is selected
Symbol
ADCON0
Address
00D616
When reset
00000XXX2
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 0 : AN0 is selected
0 0 1 : AN1 is selected
0 1 0 : AN2 is selected
0 1 1 : AN3 is selected
1 0 0 : AN4, AN8 are selected
1 0 1 : AN5, AN9 are selected
1 1 0 : AN6, AN10 are selected
1 1 1 : AN7, AN11 are selected (Note 2, 3)
b2 b1 b0
0
0
0
0
1
b7
b6
b5 b4
b3
b2
b1
b0
A/D control register 1 (Note 1)
Reserved bit
Set to "0"
VCUT
VREF connect bit
OPA0
External op-amp
connection mode bit
OPA1
CKS1
Frequency select bit 1
(Note 3)
0 : fAD/2 or fAD/4 is selected
1 : fAD is selected
1 : VREF connected
BITS
8/10-bit mode select bit
(Note 2)
0 : 8-bit mode
Symbol
ADCON1
Address
00D716
When reset
0016
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 : ANEX0 and ANEX1 are not used
0 1 : ANEX0 input is A/D converted
1 0 : ANEX1 input is A/D converted
1 1 : External op-amp connection mode
b7 b6
Note 1: If the A/D control register is rewritten during A/D conversion, the conversion result is indeterminate.
Note 2: When changing A/D operation mode, set analog input pin again.
Note 3: AN4 to AN7 and AN8 to AN11 are selected by the A/D input group select bit.
Note 1: If the A/D control register is rewritten during A/D conversion, the conversion result is indeterminate.
Note 2: In repeat mode, only 8-bit mode can be used.
Note 3: When f(XIN) is over 10 MHz, the flAD frequency must be under 10 MHz by dividing.
Item
Specification
Function
The pin selected by the analog input pin select bit is used for repeated A/D conversion
Start condition
Writing "1" to A/D conversion start flag
Stop condition
Writing "0" to A/D conversion start flag
Interrupt request generation timing
None generated
Input pin
One of AN0 to AN11, as selected (Note 1)
Reading of result of A/D converter
Read A/D register (at any time)
Note 1: AN4 to AN7 can be used in the same way as for AN8 to AN11.
Table 14.3 Repeat mode specifications
14.2 Repeat Mode
In repeat mode, the pin selected using the analog input pin select bit is used for repeated A/D conversion.
(See Table 14.3.) Figure 14.5 shows the A/D control register in repeat mode.
Figure 14.5 A/D conversion register in repeat mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com