Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 138Page - Renesas Technology Corp M16C/1N Datasheet HTML 139Page - Renesas Technology Corp M16C/1N Datasheet HTML 140Page - Renesas Technology Corp M16C/1N Datasheet HTML 141Page - Renesas Technology Corp M16C/1N Datasheet HTML 142Page - Renesas Technology Corp M16C/1N Datasheet HTML 143Page - Renesas Technology Corp M16C/1N Datasheet HTML 144Page - Renesas Technology Corp M16C/1N Datasheet HTML 145Page - Renesas Technology Corp M16C/1N Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 130 of 222
M16C/1N Group
15. D/A Converter
REJ09B0007-0100Z
VREF
VSS
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
D/A output enable bit
DA
"1"
"0"
MSB
LSB
D/A register 0
"0"
"1"
Note 1: In the above figure, the D/A register value is "2A16".
Note 2: To save power when not using the D/A converter, set the D/A output enable bit to "0"
and the D/A register to "0016", and prevent current flowing to the R-2R resistance.
b7
b6
b5 b4
b3
b2
b1
b0
D/A control register
DAE
Nothing is assigned.
When write, set "0". When read, the value of this bit is "0".
Nothing is assigned.
When write, set "0". When read, the value of these bits are "0".
D/A output enable bit
0 : Output disabled
1 : Output enabled
Reserved bit
Set to "0"
Symbol
DACON
Address
00DC16
When reset
0016
RW
RW
RW
Function
b7
b0
D/A register
Output value of D/A conversion
Symbol
DA
Address
00D816
When reset
Indeterminate
RW
RW
Function
Bit name
Bit symbol
0
Figure 15.3 D/A converter equivalent circuit
Figure 15.2 D/A control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com