Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 136Page - Renesas Technology Corp M16C/1N Datasheet HTML 137Page - Renesas Technology Corp M16C/1N Datasheet HTML 138Page - Renesas Technology Corp M16C/1N Datasheet HTML 139Page - Renesas Technology Corp M16C/1N Datasheet HTML 140Page - Renesas Technology Corp M16C/1N Datasheet HTML 141Page - Renesas Technology Corp M16C/1N Datasheet HTML 142Page - Renesas Technology Corp M16C/1N Datasheet HTML 143Page - Renesas Technology Corp M16C/1N Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 128 of 222
M16C/1N Group
14. A/D Converter
REJ09B0007-0100Z
External op-amp
Analog
input
AN0
AN7
AN1
AN2
AN3
AN4
AN5
AN6
ANEX1
ANEX0
Resistance ladder
Successive conversion register
Comparator
AN11
AN8
AN9
AN10
ADGSEL0=1
ADGSEL0=0
Figure 14.6 Example of external op-amp connection mode
14.3 Sample and Hold
Sample and hold is selected by setting bit 0 of the A/D control register 2 (address 00D416) to "1". When
sample and hold is selected, the rate of conversion of each pin increases. As a result, a 28 ØAD cycle is
achieved with 8-bit resolution and 33 ØAD with 10-bit resolution. Sample and hold can be selected in all
modes. However, in all modes, be sure to specify before starting A/D conversion whether sample and
hold is to be used.
14.4 Extended Analog Input Pins
In one-shot mode and repeat mode, the input via the extended analog input pins ANEX0 and ANEX1 can
also be converted from analog to digital.
When bit 6 of the A/D control register 1 (address 00D716) is "1" and bit 7 is "0", input via ANEX0 is
converted from analog to digital.
When bit 6 of the A/D control register 1 (address 00D716) is "0" and bit 7 is "1", input via ANEX1 is
converted from analog to digital.
14.5 External Operation Amp Connection Mode
In this mode, multiple external analog inputs via the extended analog input pins, ANEX0 and ANEX1, can
be amplified together by just one operation amp and used as the input for A/D conversion.
When bit 6 of the A/D control register 1 (address 00D716) is "1" and bit 7 is "1", input via AN0 to AN11 is
output from ANEX0. The input from ANEX1 is converted from analog to digital and the result stored in the
A/D register. The speed of A/D conversion depends on the response of the external operation amp. Do
not connect the ANEX0 and ANEX1 pins directly.
Figure 14.6 is an example of how to connect the pins in external operation amp mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com