Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 134Page - Renesas Technology Corp M16C/1N Datasheet HTML 135Page - Renesas Technology Corp M16C/1N Datasheet HTML 136Page - Renesas Technology Corp M16C/1N Datasheet HTML 137Page - Renesas Technology Corp M16C/1N Datasheet HTML 138Page - Renesas Technology Corp M16C/1N Datasheet HTML 139Page - Renesas Technology Corp M16C/1N Datasheet HTML 140Page - Renesas Technology Corp M16C/1N Datasheet HTML 141Page - Renesas Technology Corp M16C/1N Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 126 of 222
M16C/1N Group
14. A/D Converter
REJ09B0007-0100Z
0
b7
b6
b5 b4
b3
b2
b1
b0
A/D control register 0 (Note 1)
CH0
CH1
CH2
Analog input pin select bit
ADGSEL0
A/D input group select bit
0 : Port P0 group is selected
1 : Port P1 group is selected
MD0
A/D operation mode
select bit 0
0 : One-shot mode (Note 2)
ADST
Reserved bit
Set to "0"
A/D conversion start flag
0 : A/D conversion disabled
1 : A/D conversion started
CKS0
Frequency select bit 0
0 : fAD/4 is selected
1 : fAD/2 is selected
Symbol
ADCON0
Address
00D616
When reset
00000XXX2
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 0 : AN0 is selected
0 0 1 : AN1 is selected
0 1 0 : AN2 is selected
0 1 1 : AN3 is selected
1 0 0 : AN4, AN8 are selected
1 0 1 : AN5, AN9 are selected
1 1 0 : AN6, AN10 are selected
1 1 1 : AN7, AN11 are selected (Note 2, 3)
b2 b1 b0
Note 1: If the A/D control register is rewritten during A/D conversion, the conversion result is indeterminate.
Note 2: When changing A/D operation mode, set analog input pin again.
Note 3: AN4 to AN7 and AN8 to AN11 are selected by the A/D input group select bit.
0
0
0
1
b7
b6
b5 b4
b3
b2
b1
b0
A/D control register 1 (Note 1)
Reserved bit
Set to "0"
VCUT
VREF connect bit
OPA0
External op-amp
connection mode bit
OPA1
CKS1
Frequency select bit 1
(Note 2)
0 : fAD/2 or fAD/4 is selected
1 : fAD is selected
1 : VREF connected
BITS
8/10-bit mode select bit
0 : 8-bit mode
1 : 10-bit mode
Symbol
ADCON1
Address
00D716
When reset
0016
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
Note 1: If the A/D control register is rewritten during A/D conversion, the conversion result is indeterminate.
Note 2: When f(XIN) is over 10 MHz, the flAD frequency must be under 10 MHz by dividing.
0 0 : ANEX0 and ANEX1 are not used
0 1 : ANEX0 input is A/D converted
1 0 : ANEX1 input is A/D converted
1 1 : External op-amp connection mode
b7 b6
Item
Specification
Function
The pin selected by the analog input pin select bit is used for one A/D conversion
Start condition
Writing "1" to A/D conversion start flag
Stop condition
• End of A/D conversion (A/D conversion start flag changes to "0")
• Writing "0" to A/D conversion start flag
Interrupt request generation timing
End of A/D conversion
Input pin
One of AN0 to AN11, as selected
Reading of result of A/D converter
Read A/D register
14.1 One-shot Mode
In one-shot mode, the pin selected using the analog input pin select bit is used for one-shot A/D conver-
sion.
(See Table 14.2.) Figure 14.4 shows the A/D control register in one-shot mode.
Table 14.2 One-shot mode specifications
Figure 14.4 A/D conversion register in one-shot mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com