Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 132Page - Renesas Technology Corp M16C/1N Datasheet HTML 133Page - Renesas Technology Corp M16C/1N Datasheet HTML 134Page - Renesas Technology Corp M16C/1N Datasheet HTML 135Page - Renesas Technology Corp M16C/1N Datasheet HTML 136Page - Renesas Technology Corp M16C/1N Datasheet HTML 137Page - Renesas Technology Corp M16C/1N Datasheet HTML 138Page - Renesas Technology Corp M16C/1N Datasheet HTML 139Page - Renesas Technology Corp M16C/1N Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 124 of 222
M16C/1N Group
14. A/D Converter
REJ09B0007-0100Z
Note 1: If the A/D control register is rewritten during A/D conversion, the conversion result is indeterminate.
Note 2: In repeat mode, only 8-bit mode can be used.
Note 3: When f(XIN) is over 10 MHz, the flAD frequency must be under 10 MHz by dividing.
0
b7
b6
b5 b4
b3
b2
b1
b0
A/D control register 0 (Note 1)
CH0
Analog input pin select bit
MD
A/D operation mode
select bit 0
0 : One-shot mode
1 : Repeat mode (Note 2)
ADGSEL0
A/D input group select bit
0 : Port P0 group is selected
1 : Port P1 group is selected
ADST
A/D conversion start flag
0 : A/D conversion disabled
1 : A/D conversion started
CKS0
Frequency select bit 0
0 : fAD/4 is selected
1 : fAD/2 is selected
CH1
CH2
Reserved bit
Set to "0"
Reserved bit
Set to "0"
Symbol
ADCON0
Address
00D616
When reset
00000XXX2
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0
0
0
b7
b6
b5 b4
b3
b2
b1
b0
A/D control register 1 (Note 1)
OPA0
OPA1
BITS
8/10-bit mode select bit
(Note 2)
0 : 8-bit mode
1 : 10-bit mode
CKS1
Frequency select bit 1
(Note 3)
0 : fAD/2 or fAD/4 is selected
1 : fAD is selected
VCUT
VREF connect bit
External op-amp
connection mode bit
0 : VREF not connected
1 : VREF connected
Symbol
ADCON1
Address
00D716
When reset
0016
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 0 : AN0 is selected
0 0 1 : AN1 is selected
0 1 0 : AN2 is selected
0 1 1 : AN3 is selected
1 0 0 : AN4, AN8 are selected
1 0 1 : AN5, AN9 are selected
1 1 0 : AN6, AN10 are selected
1 1 1 : AN7, AN11 are selected (Note 2, 3)
b2 b1 b0
Note 1: If the A/D control register is rewritten during A/D conversion, the conversion result is indeterminate.
Note 2: When changing A/D operation mode, set analog input pin again.
Note 3: AN4 to AN7 and AN8 to AN11 are selected by the A/D input group select bit.
0 0 : ANEX0 and ANEX1 are not used
0 1 : ANEX0 input is A/D converted
1 0 : ANEX1 input is A/D converted
1 1 : External op-amp connection mode
b7 b6
Figure 14.2 A/D converter-related registers (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com