Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 127Page - Renesas Technology Corp M16C/1N Datasheet HTML 128Page - Renesas Technology Corp M16C/1N Datasheet HTML 129Page - Renesas Technology Corp M16C/1N Datasheet HTML 130Page - Renesas Technology Corp M16C/1N Datasheet HTML 131Page - Renesas Technology Corp M16C/1N Datasheet HTML 132Page - Renesas Technology Corp M16C/1N Datasheet HTML 133Page - Renesas Technology Corp M16C/1N Datasheet HTML 134Page - Renesas Technology Corp M16C/1N Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 119 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
Figure 13.11 UARTi transmit/receive mode register in UART mode
b7
b6
b5 b4
b3
b2
b1
b0
UARTi transmit/receive mode registers
SMD0
Serial I/O mode select bit
CKDIR
Internal / external clock
select bit
0 : Internal clock
1 : External clock (Note 1)
STPS
Stop bit length select bit
0 : One stop bit
1 : Two stop bits
PRYE
Parity enable bit
0 : Parity disabled
1 : Parity enabled
Reserved bit
Set to "0"
PRY
Odd / even parity
select bit
Valid when bit 6 = "1"
0 : Odd parity
1 : Even parity
SMD1
SMD2
Symbol
UiMR (i=0,1)
Address
00A016, 00A816
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
Note 1: Set the corresponding port direction register to "0".
b2 b1 b0
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
0
Function
Pin name
Method of selection
Remarks
Serial data output
Serial data input
Transfer clock input
TxD0 (P14)
TxD1 (P37)
RxD0 (P15)
RxD1 (P35)
RxD1 (P37)
CLKi (P16, P36)
RxD1 input pin select bit
(bit 6 at address 00B016)="1"
Port P15 direction register
(bit 5 at address 00E316)="0"
Port P35 direction register
(bit 5 at address 00E716)="0"
RxD1 input pin select bit
(bit 6 at address 00B016)="1"
Port P37 direction register
(bit 7 at address 00E716)="0"
RxD1 input pin select bit
(bit 6 at address 00B016)="0"
Internal/external clock select bit
(bit 3 at address 00A016 and
00A816)="1"
Ports P16 and P36 direction
register (bit 6 at address 00E316
and 00E716)="0"
Port P14 cannot be used as an I/O port even when
performing only serial data input but not serial data output.
Port P37 cannot be used as an I/O port even when
performing only serial data input but not serial data output.
Port P15 can be used as an I/O port when performing only
serial data output but not serial data input.
Port P35 can be used as an I/O port when performing only
serial data output but not serial data input.
When setting Port P37 as RxD1, serial data output cannot
be performed.
Port P35 can be used as an I/O port.
Ports P16 and P36 can be used as an I/O port when not
performing transfer clock input. In this case, set the
internal/external clock select bit to "0".
Table 13.4 lists the functions of the input/output pins during UART mode. Note that for a period from when
the UARTi operation mode is selected to when transfer starts, the TxDi pin outputs a "H". (If the N-
channel open-drain is selected, this pin is in floating state.)
Table 13.4 Input/output pin functions in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com