Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 114Page - Renesas Technology Corp M16C/1N Datasheet HTML 115Page - Renesas Technology Corp M16C/1N Datasheet HTML 116Page - Renesas Technology Corp M16C/1N Datasheet HTML 117Page - Renesas Technology Corp M16C/1N Datasheet HTML 118Page - Renesas Technology Corp M16C/1N Datasheet HTML 119Page - Renesas Technology Corp M16C/1N Datasheet HTML 120Page - Renesas Technology Corp M16C/1N Datasheet HTML 121Page - Renesas Technology Corp M16C/1N Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 106 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
b7
b7
b0
b0
(b15)
(b8)
Timer C
Symbol
TC
Address
009116, 009016
When reset
Indeterminate
RW
RO
RO
Function
Internal count source is counted
b7
b7
b0
b0
(b15)
(b8)
Time measurement register
Symbol
TM
Address
009C16, 009D16
When reset
Indeterminate
RW
Function
When active edge of measurement pulse is input, the count value of Timer C
is stored (Note 1)
Note 1: When time measurement is disabled, the value is indeterminate. After enabling time measurement, the
value is indeterminate until the first trigger is generated.
Note 1: Change this bit when time measurement is disabled.
Note 2: Set the on-chip oscillation stop bit (CM14) to "0" before setting this bit to "1".
Note 3: Change this bit when the interrupt is disabled. When switching the timer measurement input source, the TCIN
interrupt may be requested. Therefore, enable the interrupt after setting the interrupt request bit to "0".
b7
b6
b5 b4
b3
b2
b1
b0
Timer C control register 0
TCC00
Time measurement control bit
0 : Time measurement disabled
1 : Time measurement enabled
TCC07
Time measurement input
source switching bit
(Note 1 to 3)
0 : TCIN
1 : fRING256
TCC01
Timer C clock select bit
(Note 1)
TCC02
Symbol
TCC0
Address
009A16
When reset
0XX000002
Function
Bit name
Bit symbol
RW
RW
RW
RW
RW
RW
RW
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : Inhibited
b2 b1
TCC03
Nothing is assigned.
When write, set "0". When read, their contents are "0".
Nothing is assigned.
When write, set "0". When read, their contents are "0".
b7
b6
b5 b4
b3
b2
b1
b0
Timer C control register 1
TCC10
Digital filter clock select bit
(Note 1)
TCC11
Symbol
TCC1
Address
009B16
When reset
XXXXXX112
Function
Bit name
Bit symbol
RW
RW
RW
0 0 : Inhibited
0 1 : f1
1 0 : f8
1 1 : f32
b1 b0
Time measurement input edge
trigger bit
(Note 1)
TCC04
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Inhibited
b4 b3
Note 1: Input edge becomes active when the same value from TCIN pin is sampled three times in succession.
Figure 12.32 Timer C-related register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com