Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 105Page - Renesas Technology Corp M16C/1N Datasheet HTML 106Page - Renesas Technology Corp M16C/1N Datasheet HTML 107Page - Renesas Technology Corp M16C/1N Datasheet HTML 108Page - Renesas Technology Corp M16C/1N Datasheet HTML 109Page - Renesas Technology Corp M16C/1N Datasheet HTML 110Page - Renesas Technology Corp M16C/1N Datasheet HTML 111Page - Renesas Technology Corp M16C/1N Datasheet HTML 112Page - Renesas Technology Corp M16C/1N Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 97 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
fi
(n+1) X ((m+1)+(l+1))
Note 1: When the count is stopped, the Timer Z interrupt request bit becomes "1" and an interrupt may occur. Thus,
interrupts must be disabled before the count is stopped. Furthermore, set the Timer Z interrupt request bit to "0"
before starting counting again.
Note 2: When the counting stopped, the pin is the secondary period output level.
Note 3: Even when counting the secondary period, read out the Timer Z primary register.
Note 4: The set value of Timer Z secondary register and waveform extension control bits as well as Timer Z primary
register are made effective by writing a value to the Timer Z primary register. The written values are reflected to
the waveform output from the next primary period after writing to the Timer Z primary register.
Note 5: The output is switched in sync with Timer Z secondary underflow.
Note 6: When using the waveform extend function, the Prescaler Z register must be set to "0016".
When selecting Timer Y underflow and f1 for the count source, the waveform extend function cannot be used.
Item
Specification
Count source
f1, f8, Timer Y underflow, fC32
Count operation
• Down count
• When the timer underflows, it reloads the contents of primary reload register and sec-
ondary reload register alternately before continuing counting.
• When a counting stops, the timer reloads the content of the reload register before it
stops.
Divide ratio
n: Set value of Prescaler Z, m: Set value of Timer Z primary, l: Set value of Timer Z secondary
Count start condition
Count start flag is set (=1)
Count stop condition
Count start flag is reset (=0) (Note 1)
Interrupt request generation timing When Timer Z underflows during secondary period
TZOUT pin function
Pulse output (Note 2)
INT0 pin function
Programmable I/O port, or external interrupt input pin
Read from timer
Count value can be read out by reading Timer Z primary register.
Same applies to Prescaler Z register. (Note 3)
Write to timer
When a value is written to Timer Z primary register, it is written to only reload register.
Same applies to Timer Z secondary register and Prescaler Z register. (Note 4)
Select function
• Output level latch select function
The output level of an waveform being counted during primary and secondary periods
is selectable.
• Programmable waveform generation output switching function (Note 5)
Can select either programmable waveform or the value of port P31 register for output.
• Waveform extend function (Note 6)
The waveform output primary and secondary periods can each be extended 0.5 cycles
of the count source.
Frequency when waveform extended: 2xfi/((2x(m+1))+(2x(l+1))+TZPUM0+TZPUM1)
Duty: (2x(m+1)+TZPUM0)/((2x(m+1)+TZPUM0)+(2x(l+1)+TZPUM1))
m: set value of Timer Z primary, l: set value of Timer Z secondary
TZPUM0: Timer Z primary waveform extension control bit
TZPUM1: Timer Z secondary waveform extension control bit
12.4.2 Programmable Waveform Generation Mode
In this mode, the microcontroller, while counting the set values of Timer Z primary and Timer Z sec-
ondary alternately, outputs from the TZOUT pin a waveform whose polarity is inverted each time Timer
Z secondary underflows. (See Table 12.11) A counting starts by counting the value set in the Timer Z
primary. Figure 12.26 shows Timer Y, Z mode register and Timer Y, Z waveform output control regis-
ter in this mode. The Timer Z operates in the same way as the Timer Y in this mode. See Figure 12.19
shown the Timer Y operating example in programmable waveform generation mode.
Table 12.11 Specifications of programmable waveform generating mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com