Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 102Page - Renesas Technology Corp M16C/1N Datasheet HTML 103Page - Renesas Technology Corp M16C/1N Datasheet HTML 104Page - Renesas Technology Corp M16C/1N Datasheet HTML 105Page - Renesas Technology Corp M16C/1N Datasheet HTML 106Page - Renesas Technology Corp M16C/1N Datasheet HTML 107Page - Renesas Technology Corp M16C/1N Datasheet HTML 108Page - Renesas Technology Corp M16C/1N Datasheet HTML 109Page - Renesas Technology Corp M16C/1N Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 94 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z output control register
TZOS
Timer Z one-shot
start bit (Note 1)
TYOCNT
Timer Y programmable
waveform generation
output switching bit (Note 2)
0 : Outputs programmable waveform
1 : Outputs the value of P32 port register
TZOCNT
Timer Z programmable
waveform generation
output switching bit (Note 2)
0 : Outputs programmable waveform
1 : Outputs the value of P31 port register
0 : Stops one-shot
1 : Starts one-shot
Nothing is assigned.
When write, set "0". When read, their contents are "0".
Symbol
TYZOC
Address
008A16
When reset
XXXXX0002
RW
RW
RW
RW
Function
Bit name
Bit symbol
Note 1: This bit is automatically cleared to "0" when the output of one-shot waveform is completed. This bit should be set to
"0" by program when the one-shot waveform output is terminated by setting the count start flag to "0" during the
waveform output.
Note 2: This bit is valid only when operating in programmable waveform generation mode.
b7
b6
b5 b4
b3
b2
b1
b0
b7
b6
b5 b4
b3
b2
b1
b0
External input enable register
INT0EN
INT0 input enable bit (Note 1)
0 : Disabled
1 : Enabled
INT0F0
INT0F1
INT0 input filter select bit
INT0PL
INT0 input polarity select bit
(Note 1)
0 : One edge
1 : Two edges
INT1EN
INT1 input enable bit
0 : Disabled
1 : Enabled
INT1PL
INT1 input polarity select bit
0 : One edge
1 : Two edges
INT2EN
INT2 input enable bit
0 : Disabled
1 : Enabled
INT2PL
INT2 input polarity select bit
0 : One edge
1 : Two edges
INT3EN
INT3 input enable bit
0 : Disabled
1 : Enabled
INT0F2
UART0 receive hardware
interrupt enable bit (Note 1)
0 : Disabled
1 : Enabled
INT3PL
INT3 input polarity select bit
0 : One edge
1 : Two edges
Nothing is assigned.
When write, nothing can be written. When read, their contents are indeterminate.
Symbol
INTEN
Address
009616
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
INT0 input filter select register
Symbol
INT0F
Address
001E16
When reset
XXXXX0002
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 : No filter
0 1 : Filter with f1 sampling
1 0 : Filter with f8 sampling
1 1 : Filter with f32 sampling
b1 b0
Note 1: Interrupts used for debugging purposes only. Be sure to set "0" to this bit.
Note 1: This bit must be set in condition of the INT0 pin one-shot trigger control bit (bit 6 at address 008416)="0"
(INT0 pin one-shot trigger invalid).
Figure 12.24 Timer Z-related registers (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com