Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 100Page - Renesas Technology Corp M16C/1N Datasheet HTML 101Page - Renesas Technology Corp M16C/1N Datasheet HTML 102Page - Renesas Technology Corp M16C/1N Datasheet HTML 103Page - Renesas Technology Corp M16C/1N Datasheet HTML 104Page - Renesas Technology Corp M16C/1N Datasheet HTML 105Page - Renesas Technology Corp M16C/1N Datasheet HTML 106Page - Renesas Technology Corp M16C/1N Datasheet HTML 107Page - Renesas Technology Corp M16C/1N Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 92 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
(Note 1)
(Note 1)
(Note 1)
b7
b0
Prescaler Z
Symbol
PREZ
Address
008516
When reset
FF16
RW
RW
RW
RW
RW
Function
Values that can be set
Timer mode
Internal count source or Timer Y underflow is counted
0016 to FF16
Programmable waveform generation mode
Internal count source or Timer Y underflow is counted
0016 to FF16
Programmable one-shot generation mode
Internal count source or Timer Y underflow is counted
0016 to FF16
Programmable wait one-shot generation mode
Internal count source or Timer Y underflow is counted
0016 to FF16
Note 1: When using the waveform extend function, set the value "0016" for the Prescaler Z.
b7
b0
Timer Z Primary
Symbol
TZPR
Address
008716
When reset
FF16
RW
RW
RW
RW
RW
Function
Values that can be set
0016 to FF16
0016 to FF16
Note 1: Each value of Timer Z Primary and Timer Z Secondary is reloaded to the Timer Z alternately for counting.
b7
b0
Timer Z Secondary
Symbol
TZSC
Address
008616
When reset
FF16
RW
WO
WO
Function
Values that can be set
Timer mode
Invalid
Programmable waveform generation mode
Underflow of Prescaler Z is counted (Note 1)
0016 to FF16
Programmable one-shot generation mode
Invalid
Programmable wait one-shot generation mode
Underflow of Prescaler Z is counted
(One-shot width is counted)
0016 to FF16
0016 to FF16
0016 to FF16
Note 1: Each value of Timer Z Primary and Timer Z Secondary is reloaded to the Timer Z alternately for counting.
Note 2: The count value can be read out by reading the Timer Z Primary even when the secondary period is being
counted.
Timer mode
Underflow of Prescaler Z is counted
Programmable waveform generation mode
Underflow of Prescaler Z is counted (Note 1)
Programmable one-shot generation mode
Underflow of Prescaler Z is counted
(One-shot width is counted)
Programmable wait one-shot generation mode
Underflow of Prescaler Z is counted
(Wait period is counted)
(Note 2)
Figure 12.22 Timer Z-related registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com