Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 386Page - Renesas Technology Corp SH7708 Datasheet HTML 387Page - Renesas Technology Corp SH7708 Datasheet HTML 388Page - Renesas Technology Corp SH7708 Datasheet HTML 389Page - Renesas Technology Corp SH7708 Datasheet HTML 390Page - Renesas Technology Corp SH7708 Datasheet HTML 391Page - Renesas Technology Corp SH7708 Datasheet HTML 392Page - Renesas Technology Corp SH7708 Datasheet HTML 393Page - Renesas Technology Corp SH7708 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 633 page
background image
372
Figure 13.6 shows an example of SCI transmit operation in asynchronous mode.
01
1
1
0/1
0
1
TDRE
TEND
Parity
bit
Parity
bit
Serial
data
Start
bit
Data
Stop
bit
Start
bit
Data
Stop
bit
Idle
(mark)
state
TXI interrupt
request
TEI interrupt
request
TXI interrupt
handler writes
data to SCTDR
and clears TDRE
bit to 0
1 frame
D0
D1
D7
D0
D1
D7
0/1
TXI interrupt
request
Figure 13.6 SCI Transmit Operation in Asynchronous Mode (Example: 8-Bit Data with
Parity and One Stop Bit)
Receiving Serial Data (Asynchronous Mode): Figure 13.7 shows a sample flowchart for
receiving serial data. The procedure for receiving serial data after enabling the SCI for reception
is:
1. Receive error handling and break detection: If a receive error occurs, read the ORER, PER and
FER bits in SCSSR to identify the error. After executing the necessary error handling, clear
ORER, PER and FER all to 0. Receiving cannot resume if ORER, PER or FER remain set to 1.
When a framing error occurs, the RxD pin can be read to detect the break state.
2. SCI status check and receive-data read: Read the serial status register (SCSSR), check that
RDRF is set to 1, then read receive data from the receive data register (SCRDR) and clear
RDRF to 0. The RXI interrupt can also be used to determine if the RDRF bit has changed from
0 to 1.
3. To continue receiving serial data: Read the RDRF and SCRDR bits and clear RDRF to 0
before the stop bit of the current frame is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com