Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 389Page - Renesas Technology Corp SH7708 Datasheet HTML 390Page - Renesas Technology Corp SH7708 Datasheet HTML 391Page - Renesas Technology Corp SH7708 Datasheet HTML 392Page - Renesas Technology Corp SH7708 Datasheet HTML 393Page - Renesas Technology Corp SH7708 Datasheet HTML 394Page - Renesas Technology Corp SH7708 Datasheet HTML 395Page - Renesas Technology Corp SH7708 Datasheet HTML 396Page - Renesas Technology Corp SH7708 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 633 page
background image
375
In receiving, the SCI operates as follows:
1. The SCI monitors the communication line. When it detects a start bit (0), the SCI synchronizes
internally and starts receiving.
2. Receive data is shifted into SCRSR in order from the LSB to the MSB.
3. The parity bit and stop bit are received. After receiving these bits, the SCI makes the following
checks:
a. Parity check: The number of 1s in the receive data must match the even or odd parity
setting of the O/
E bit in SCSMR.
b. Stop bit check: The stop bit value must be 1. If there are two stop bits, only the first stop bit
is checked.
c. Status check: RDRF must be 0 so that receive data can be loaded from SCRSR into
SCRDR.
If these checks all pass, the SCI sets RDRF to 1 and stores the received data in SCRDR. If
one of the checks fails (receive error), the SCI operates as indicated in table 13.12.
Note: When a receive error flag is set, further receiving is disabled. The RDRF bit is not set
to 1. Be sure to clear the error flags.
4. After setting RDRF to 1, if the receive-data-full interrupt enable bit (RIE) is set to 1 in SCSCR,
the SCI requests a receive-data-full interrupt (RXI). If one of the error flags (ORER, PER, or
FER) is set to 1 and the receive-data-full interrupt enable bit (RIE) in SCSCR is also set to 1,
the SCI requests a receive-error interrupt (ERI).
Table 13.12 Receive Error Conditions and SCI Operation
Receive Error
Abbreviation
Condition
Data Transfer
Overrun error
ORER
Receiving of next data ends while
RDRF is still set to 1 in SCSSR
Receive data not loaded
from SCRSR into SCRDR
Framing error
FER
Stop bit is 0
Receive data loaded from
SCRSR into SCRDR
Parity error
PER
Parity of receive data differs from
even/odd parity setting in SCSMR
Receive data loaded from
SCRSR into SCRDR
Figure 13.8 shows an example of SCI receive operation in asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com