Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 391Page - Renesas Technology Corp SH7708 Datasheet HTML 392Page - Renesas Technology Corp SH7708 Datasheet HTML 393Page - Renesas Technology Corp SH7708 Datasheet HTML 394Page - Renesas Technology Corp SH7708 Datasheet HTML 395Page - Renesas Technology Corp SH7708 Datasheet HTML 396Page - Renesas Technology Corp SH7708 Datasheet HTML 397Page - Renesas Technology Corp SH7708 Datasheet HTML 398Page - Renesas Technology Corp SH7708 Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 633 page
background image
377
Figure 13.9 shows an example of communication among processors using the multiprocessor
format.
Receiving
station A
(ID = 01)
(ID = 02)
(ID = 03)
(ID = 04)
Receiving
station B
Receiving
station C
Serial communication circuit
H'01
H'AA
(MPB = 0)
(MPB = 1)
ID transmit cycle =
specifies receiving station
Serial
data
Transmitting
station
Receiving
station D
Data transmit cycle =
data transmission to
receiving station specified
by ID
MPB: Multiprocessor bit
Figure 13.9 Communication Among Processors Using Multiprocessor Format
(Example: Sending Data H'AA to Receiving Processor A)
Communication Formats: Four formats are available. Parity-bit settings are ignored when the
multiprocessor format is selected. For details see table 13.11.
Clock: See the description in the asynchronous mode section.
Transmitting Multiprocessor Serial Data: Figure 13.10 shows a sample flowchart for
transmitting multiprocessor serial data. The procedure for transmitting multiprocessor serial data
is:
1. SCI status check and transmit data write: Read the serial status register (SCSSR), check that
the TDRE bit is 1, then write transmit data in the transmit data register (SCTDR). Also set
MPBT (multiprocessor bit transfer) to 0 or 1 in SCSSR. Finally, clear TDRE to 0.
2. To continue transmitting serial data: Read the TDRE bit to check whether it is safe to write (if
it reads 1); if so, write data in SCTDR, then clear TDRE to 0.
3. To output a break at the end of serial transmission: Set the SPB0DT bit in the SCSPTR register
to 0, set SPB0IO to 1, then clear TE to 0 in SCSCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com