Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 394Page - Renesas Technology Corp SH7708 Datasheet HTML 395Page - Renesas Technology Corp SH7708 Datasheet HTML 396Page - Renesas Technology Corp SH7708 Datasheet HTML 397Page - Renesas Technology Corp SH7708 Datasheet HTML 398Page - Renesas Technology Corp SH7708 Datasheet HTML 399Page - Renesas Technology Corp SH7708 Datasheet HTML 400Page - Renesas Technology Corp SH7708 Datasheet HTML 401Page - Renesas Technology Corp SH7708 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 633 page
background image
380
Figure 13.11 shows SCI transmission with the multiprocessor format.
TDRE
TEND
TXI interrupt
request
TXI interrupt
request
TEI interrupt
request
TXI interrupt
handler writes
data to TDR and
clears TDRE bit
to 0
1 frame
01
1
1
0/1
0
1
Multi-
processor
bit
Serial
data
Start
bit
Data
Stop
bit
Start
bit
Data
Stop
bit
Idle
(mark)
state
D0
D1
D7
D0
D1
D7
0/1
Multi-
processor
bit
Figure 13.11 SCI Multiprocessor Transmit Operation (Example: 8-Bit Data with
Multiprocessor Bit and One Stop Bit)
Receiving Multiprocessor Serial Data: Figure 13.12 shows a sample flowchart for receiving
multiprocessor serial data. The procedure for receiving multiprocessor serial data is:
1. ID receive cycle: Set the MPIE bit in the serial control register (SCSCR) to 1.
2. SCI status check and compare to ID reception: Read the serial status register (SCSSR), check
that RDRF is set to 1, then read data from the receive data register (SCRDR) and compare with
the processor’s own ID. If the ID does not match the receive data, set MPIE to 1 again and
clear RDRF to 0. If the ID matches the receive data, clear RDRF to 0.
3. SCI status check and data receiving: Read SCSSR, check that RDRF is set to 1, then read data
from the receive data register (SCRDR).
4. Receive error handling and break detection: If a receive error occurs, read the ORER and FER
bits in SCSSR to identify the error. After executing the necessary error handling, clear both
ORER and FER to 0. Receiving cannot resume if ORER or FER remain set to 1. When a
framing error occurs, the RxD pin can be read to detect the break state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com