Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 398Page - Renesas Technology Corp SH7708 Datasheet HTML 399Page - Renesas Technology Corp SH7708 Datasheet HTML 400Page - Renesas Technology Corp SH7708 Datasheet HTML 401Page - Renesas Technology Corp SH7708 Datasheet HTML 402Page - Renesas Technology Corp SH7708 Datasheet HTML 403Page - Renesas Technology Corp SH7708 Datasheet HTML 404Page - Renesas Technology Corp SH7708 Datasheet HTML 405Page - Renesas Technology Corp SH7708 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 633 page
background image
384
13.3.4
Synchronous Operation
In synchronous mode, the SCI transmits and receives data in synchronization with clock pulses.
This mode is suitable for high-speed serial communication.
The SCI transmitter and receiver are independent, so full-duplex communication is possible while
sharing the same clock. The transmitter and receiver are also double-buffered, so continuous
transmitting or receiving is possible by reading or writing data while transmitting or receiving is in
progress.
Figure 13.14 shows the general format in synchronous serial communication.
Bit 0
care
Don’t
care
Don’t
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
LSB
MSB
Serial clock
Serial data
**
One unit of communication data (character or frame)
Note:
* High except in continuous transmitting or receiving
Figure 13.14 Data Format in Synchronous Communication
In synchronous serial communication, each data bit is output on the communication line from one
falling edge of the serial clock to the next. Data is guaranteed valid at the rising edge of the serial
clock. In each character, the serial data bits are transmitted in order from the LSB (first) to the
MSB (last). After output of the MSB, the communication line remains in the state of the MSB. In
synchronous mode, the SCI transmits or receives data by synchronizing with the falling edge of
the serial clock.
Communication Format: The data length is fixed at eight bits. No parity bit or multiprocessor bit
can be added.
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCI transmit/receive clock. The clock source is selected
by the C/
A bit in the serial mode register (SCSMR) and bits CKE1 and CKE0 in the serial control
register (SCSCR). See table 13.10.
When the SCI operates on an internal clock, it outputs the clock signal at the SCK pin. Eight clock
pulses are output per transmitted or received character. When the SCI is not transmitting or
receiving, the clock signal remains in the high state. When only receiving, the SCI receives in 2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com