Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 399Page - Renesas Technology Corp SH7708 Datasheet HTML 400Page - Renesas Technology Corp SH7708 Datasheet HTML 401Page - Renesas Technology Corp SH7708 Datasheet HTML 402Page - Renesas Technology Corp SH7708 Datasheet HTML 403Page - Renesas Technology Corp SH7708 Datasheet HTML 404Page - Renesas Technology Corp SH7708 Datasheet HTML 405Page - Renesas Technology Corp SH7708 Datasheet HTML 406Page - Renesas Technology Corp SH7708 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 633 page
background image
385
character units, so a 16 pulse synchronization clock is output. To receive in 1-character units,
select an external clock source.
Transmitting and Receiving Data: SCI Initialization (synchronous mode). Before transmitting,
receiving, or changing the mode or communication format, the software must clear the TE and RE
bits to 0 in the serial control register (SCSCR), then initialize the SCI. Clearing TE to 0 sets TDRE
to 1 and initializes the transmit shift register (SCTSR). Clearing RE to 0, however, does not
initialize the RDRF, PER, FER, and ORER flags and receive data register (SCRDR), which retain
their previous contents.
Figure 13.15 is a sample flowchart for initializing the SCI. The procedure for initializing the SCI
is:
1. Select the clock source in the serial control register (SCSCR). Leave RIE, TIE, TEIE, MPIE,
TE and RE cleared to 0.
2. Select the communication format in the serial mode register (SCSMR).
3. Write the value corresponding to the bit rate in the bit rate register (SCBRR) unless an external
clock is used.
4. Wait for at least the interval required to transmit or receive one bit, then set TE or RE in the
serial control register (SCSCR) to 1. Also set RIE, TIE, TEIE and MPIE. Setting TE and RE
allows use of the TxD and RxD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com