Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 403Page - Renesas Technology Corp SH7708 Datasheet HTML 404Page - Renesas Technology Corp SH7708 Datasheet HTML 405Page - Renesas Technology Corp SH7708 Datasheet HTML 406Page - Renesas Technology Corp SH7708 Datasheet HTML 407Page - Renesas Technology Corp SH7708 Datasheet HTML 408Page - Renesas Technology Corp SH7708 Datasheet HTML 409Page - Renesas Technology Corp SH7708 Datasheet HTML 410Page - Renesas Technology Corp SH7708 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 633 page
background image
389
Receiving Serial Data (Synchronous Mode): Figure 13.18 shows a sample flowchart for
receiving serial data. When switching from asynchronous mode to synchronous mode, make sure
that ORER, PER, and FER are cleared to 0. If PER or FER is set to 1, the RDRF bit will not be set
and both transmitting and receiving will be disabled.
The procedure for receiving serial data is:
1. Receive error handling and break detection: If a receive error occurs, read the ORER bit in
SCSSR to identify the error. After executing the necessary error handling, clear ORER to 0.
Transmitting/receiving cannot resume if ORER remains set to 1.
2. SCI status check and receive data read: Read the serial status register (SCSSR), check that
RDRF is set to 1, then read receive data from the receive data register (SCRDR) and clear
RDRF to 0. The RXI interrupt can also be used to determine if the RDRF bit has changed from
0 to 1.
3. To continue receiving serial data: Read SCRDR, and clear RDRF to 0 before the MSB (bit 7)
of the current frame is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com