Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 405Page - Renesas Technology Corp SH7708 Datasheet HTML 406Page - Renesas Technology Corp SH7708 Datasheet HTML 407Page - Renesas Technology Corp SH7708 Datasheet HTML 408Page - Renesas Technology Corp SH7708 Datasheet HTML 409Page - Renesas Technology Corp SH7708 Datasheet HTML 410Page - Renesas Technology Corp SH7708 Datasheet HTML 411Page - Renesas Technology Corp SH7708 Datasheet HTML 412Page - Renesas Technology Corp SH7708 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 633 page
background image
391
In receiving, the SCI operates as follows:
1. The SCI synchronizes with serial clock input or output and initializes internally.
2. Receive data is shifted into SCRSR in order from the LSB to the MSB. After receiving the
data, the SCI checks that RDRF is 0 so that receive data can be loaded from SCRSR into
SCRDR. If this check is passed, the SCI sets RDRF to 1 and stores the received data in
SCRDR. If the check is not passed (receive error), the SCI operates as indicated in table 13.12.
This state prevents further transmission or reception. While receiving, the RDRF bit is not set
to 1. Be sure to clear the error flag.
3. After setting RDRF to 1, if the receive-data-full interrupt enable bit (RIE) is set to 1 in SCSCR,
the SCI requests a receive-data-full interrupt (RXI). If the ORER bit is set to 1 and the receive-
data-full interrupt enable bit (RIE) in SCSCR is also set to 1, the SCI requests a receive-error
interrupt (ERI).
Figure 13.19 shows an example of the SCI receive operation.
Bit 7
Bit 0
Bit 7
Bit 0
Bit 1
Bit 6
Serial clock
Serial
data
Transfer direction
Bit 7
RXI interrupt handler
reads data and
clears RDRF
bit to 0
1 frame
RXI interrupt
request
RXI interrupt
request
ERI interrupt
request generated
by overrun error
RDRF
ORER
Figure 13.19 Example of SCI Receive Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com