Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 406Page - Renesas Technology Corp SH7708 Datasheet HTML 407Page - Renesas Technology Corp SH7708 Datasheet HTML 408Page - Renesas Technology Corp SH7708 Datasheet HTML 409Page - Renesas Technology Corp SH7708 Datasheet HTML 410Page - Renesas Technology Corp SH7708 Datasheet HTML 411Page - Renesas Technology Corp SH7708 Datasheet HTML 412Page - Renesas Technology Corp SH7708 Datasheet HTML 413Page - Renesas Technology Corp SH7708 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 633 page
background image
392
Transmitting and Receiving Serial Data Simultaneously (Synchronous Mode): Figure 13.20
shows a sample flowchart for transmitting and receiving serial data simultaneously. The procedure
for setting the SCI to transmit and receive serial data simultaneously is:
1. SCI status check and transmit data write: Read the serial status register (SCSSR), check that
the TDRE bit is 1, then write transmit data in the transmit data register (SCTDR) and clear
TDRE to 0. The TXI interrupt can also be used to determine if the TDRE bit has changed from
0 to 1.
2. Receive error handling: If a receive error occurs, read the ORER bit in SCSSR to identify the
error. After executing the necessary error handling, clear ORER to 0. Transmitting/receiving
cannot resume if ORER remains set to 1.
3. SCI status check and receive data read: Read the serial status register (SCSSR), check that
RDRF is set to 1, then read receive data from the receive data register (SCRDR) and clear
RDRF to 0. The RXI interrupt can also be used to determine if the RDRF bit has changed from
0 to 1.
4. To continue transmitting and receiving serial data: Read the RDRF bit and SCRDR, and clear
RDRF to 0 before the MSB (bit 7) of the current frame is received. Also read the TDRE bit to
check whether it is safe to write (if it reads 1); if so, write data in SCTDR, then clear TDRE to
0 before the MSB (bit 7) of the current frame is transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com