Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 409Page - Renesas Technology Corp SH7708 Datasheet HTML 410Page - Renesas Technology Corp SH7708 Datasheet HTML 411Page - Renesas Technology Corp SH7708 Datasheet HTML 412Page - Renesas Technology Corp SH7708 Datasheet HTML 413Page - Renesas Technology Corp SH7708 Datasheet HTML 414Page - Renesas Technology Corp SH7708 Datasheet HTML 415Page - Renesas Technology Corp SH7708 Datasheet HTML 416Page - Renesas Technology Corp SH7708 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 633 page
background image
395
Simultaneous Multiple Receive Errors: Table 13.14 shows the state of the SCSSR status flags
when multiple receive errors occur simultaneously. When an overrun error occurs, the SCRSR
contents cannot be transferred to SCRDR, so receive data is lost.
Table 13.14 SCSSR Status Flags and Transfer of Receive Data
SCSSR Status Flags
Receive Data Transfer
Receive Error Status
RDRF
ORER
FER
PER
SCRSR
→ SCRDR
Overrun error
1
1
0
0
X
Framing error
0
0
1
0
O
Parity error
0
0
0
1
O
Overrun error + framing error
1
1
1
0
X
Overrun error + parity error
1
1
0
1
X
Framing error + parity error
0
0
1
1
O
Overrun error + framing error + parity error 1
1
1
1
X
O: Receive data is transferred from SCRSR to SCRDR.
X: Receive data is not transferred from SCRSR to SCRDR.
Break Detection and Processing: Break signals can be detected by reading the RxD pin directly
when a framing error (FER) is detected. In the break state, the input from the RxD pin consists of
all 0s, so FER is set and the parity error flag (PER) may also be set. In the break state, the SCI
receiver continues to operate, so if the FER bit is cleared to 0, it will be set to 1 again.
Sending a Break Signal: The input/output direction and level of the TxD pin can be set using the
SPB0IO and SPB0DT bits in the serial port register (SCSPTR). Use these bits to send breaks.
After initialization, the pin will not function as a TxD pin until the TE bit is set to 1 (enabling
transmission). Through this period, the value of the SPB0DT bit substitutes for the mark state. For
this reason, the SPB0IO and SPB0DT bits are initially set to 1 (output, high level). To send a
break during serial transmission, clear the SPB0DT bit to 0 (low level), then clear TE to 0 (halting
transmission). When the TE bit is cleared to 0, the transmitter is initialized without regard to the
current transmission status, and 0 is output from the TxD pin.
Receive Error Flags and Transmitter Operation (Synchronous Mode Only): When a receive
error flag (ORER, PER, or FER) is set to 1, the SCI will not start transmitting even if TDRE is set
to 1. Be sure to clear the receive error flags to 0 before starting to transmit. Note that clearing RE
to 0 does not clear the receive error flags.
Receive Data Sampling Timing and Receive Margin in Asynchronous Mode: In asynchronous
mode, the SCI operates on a base clock of 16 times the transfer rate frequency. In receiving, the
SCI synchronizes internally with the falling edge of the start bit, which it samples on the base
clock. Receive data is latched on the rising edge of the eighth base clock pulse (figure 13.21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com