Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 413Page - Renesas Technology Corp SH7708 Datasheet HTML 414Page - Renesas Technology Corp SH7708 Datasheet HTML 415Page - Renesas Technology Corp SH7708 Datasheet HTML 416Page - Renesas Technology Corp SH7708 Datasheet HTML 417Page - Renesas Technology Corp SH7708 Datasheet HTML 418Page - Renesas Technology Corp SH7708 Datasheet HTML 419Page - Renesas Technology Corp SH7708 Datasheet HTML 420Page - Renesas Technology Corp SH7708 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 633 page
background image
399
Section 14 Smart Card Interface
14.1
Overview
As an added serial communications interface function, the SCI supports an IC card (smart card)
interface that conforms to the ISO/IEC standard 7816-3 for identification of cards. Register
settings are used to switch between the ordinary serial communication interface and the smart card
interface.
14.1.1
Features
The smart card interface has the following features:
• Asynchronous mode
 Data length: Eight bits
 Parity bit generation and check
 Receive mode error signal detection (parity error)
 Transmit mode error signal detection and automatic re-transmission of data
 Supports both direct convention and inverse convention
• Bit rate can be selected using on-chip baud rate generator.
• Three types of interrupts: Transmit-data-empty, receive-data-full, and communication-error
interrupts are requested independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com