Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 416Page - Renesas Technology Corp SH7708 Datasheet HTML 417Page - Renesas Technology Corp SH7708 Datasheet HTML 418Page - Renesas Technology Corp SH7708 Datasheet HTML 419Page - Renesas Technology Corp SH7708 Datasheet HTML 420Page - Renesas Technology Corp SH7708 Datasheet HTML 421Page - Renesas Technology Corp SH7708 Datasheet HTML 422Page - Renesas Technology Corp SH7708 Datasheet HTML 423Page - Renesas Technology Corp SH7708 Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 633 page
background image
402
14.2.1
Smart Card Mode Register (SCSCMR)
The smart card mode register (SCSCMR) is an 8-bit read/write register that selects smart card
interface functions. SCSMR bits 0, 2, and 3 are initialized to 0 by a reset and in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
SDIR
SINV
—
SMIF
Initial value:
—
—
—
—
0
0
—
0
R/W:
R
R
R
R
R/W
R/W
R
R/W
Bits 7 to 4 and 1—Reserved: An undefined value will be returned if these bits are read.
Bit 3—Smart Card Data Transfer Direction (SDIR): Selects the serial/parallel conversion format.
Bit 3: SDIR
Description
0
Contents of SCTDR are transferred LSB first, receive data is stored in
SCRDR LSB first.
(Initial value)
1
Contents of SCTDR are transferred MSB first, receive data is stored in
SCRDR MSB first.
Bit 2—Smart Card Data Inversion (SINV): Specifies whether to invert the logic level of the data.
This function is used in combination with bit 3 for transmitting and receiving with an inverse
convention card. SINV does not affect the logic level of the parity bit. See section 14.3.4, Register
Settings, for information on how parity is set.
Bit 2: SINV
Description
0
Contents of SCTDR are transferred unchanged, receive data is stored in
SCRDR unchanged.
(Initial value)
1
Contents of SCTDR are inverted before transfer, receive data is inverted
before storage in SCRDR.
Bit 0—Smart Card Interface Mode Select (SMIF): Enables the smart card interface function.
Bit 0 : SMIF
Description
0
Smart card interface function disabled
(Initial value)
1
Smart card interface function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com