Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 417Page - Renesas Technology Corp SH7708 Datasheet HTML 418Page - Renesas Technology Corp SH7708 Datasheet HTML 419Page - Renesas Technology Corp SH7708 Datasheet HTML 420Page - Renesas Technology Corp SH7708 Datasheet HTML 421Page - Renesas Technology Corp SH7708 Datasheet HTML 422Page - Renesas Technology Corp SH7708 Datasheet HTML 423Page - Renesas Technology Corp SH7708 Datasheet HTML 424Page - Renesas Technology Corp SH7708 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 633 page
background image
403
14.2.2
Serial Status Register (SCSSR)
In the smart card interface mode, the function of SCSSR bit 4 is changed. The setting conditions
for bit 2, the TEND bit, are also changed.
Bit:
7
6
5
4
3
2
1
0
Bit name:
TDRE
RDRF
ORER FER/ERS
PER
TEND
MPB
MPBT
Initial value:
1
0
0
0
0
1
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R
R
R/W
Note:
Only 0 can be written, to clear the flag.
Bits 7 to 5: These bits have the same function as in the ordinary SCI. See section 13, Serial
Communication Interface, for more information.
Bit 4—Error Signal Status (ERS): In the smart card interface mode, bit 4 indicates the status of the
error signal returned from the receiving side during transmission. The smart card interface cannot
detect framing errors.
Bit 4: ERS
Description
0
Receiving ended normally with no error signal.
(Initial value)
ERS is cleared to 0 when the chip is reset or enters standby mode, or when
software reads ERS after it has been set to 1, then writes 0 in ERS.
1
An error signal indicating a parity error was transmitted from the receiving side.
ERS is set to 1 if the error signal sampled is low.
Note:
The ERS flag maintains its status even when the TE bit in SCSCR is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com