Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 421Page - Renesas Technology Corp SH7708 Datasheet HTML 422Page - Renesas Technology Corp SH7708 Datasheet HTML 423Page - Renesas Technology Corp SH7708 Datasheet HTML 424Page - Renesas Technology Corp SH7708 Datasheet HTML 425Page - Renesas Technology Corp SH7708 Datasheet HTML 426Page - Renesas Technology Corp SH7708 Datasheet HTML 427Page - Renesas Technology Corp SH7708 Datasheet HTML 428Page - Renesas Technology Corp SH7708 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 633 page
background image
407
The operating sequence is:
1. The data line is high impedance when not in use and is fixed high with a pull-up resistor.
2. The transmitting side starts one frame of data transmission. The data frame starts with a start
bit (Ds, low level). The start bit is followed by eight data bits (D0–D7) and a parity bit (Dp).
3. On the smart card interface, the data line returns to high impedance after this. The data line is
pulled high with a pull-up resistor.
4. The receiving side checks parity. When the data is received normally with no parity errors, the
receiving side then waits to receive the next data. When a parity error occurs, the receiving
side outputs an error signal (DE, low level) and requests re-transfer of data. The receiving
station returns the signal line to high impedance after outputting the error signal for a specified
period. The signal line is pulled high with a pull-up resistor.
5. The transmitting side transmits the next frame of data unless it receives an error signal. If it
does receive an error signal, it returns to step 2 to re-transmit the erroneous data.
14.3.4
Register Settings
Table 14.3 shows the bit map of the registers that the smart card interface uses. Bits shown as 1 or
0 must be set to the indicated value. The settings for the other bits are described below.
Table 14.3
Register Settings for the Smart Card Interface
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCSMR
H'FFFFFE80
C/
A
01O/
E
1
0
CKS1
CKS0
SCBRR
H'FFFFFE82
BRR7
BRR6
BRR5
BRR4
BRR3
BRR2
BRR1
BRR0
SCSCR
H'FFFFFE84
TIE
RIE
TE
RE
0
0
CKE1
CKE0
SCTDR
H'FFFFFE86
TDR7
TDR6
TDR5
TDR4
TDR3
TDR2
TDR1
TDR0
SCSSR
H'FFFFFE88
TDRE
RDRF
ORER
FER/
ERS
PER
TEND
0
0
SCRDR
H'FFFFFE8A
RDR7
RDR6
RDR5
RDR4
RDR3
RDR2
RDR1
RDR0
SCSCMR
H'FFFFFE8C
————
SDIR
SINV
—
SMIF
Note:
Dashes indicate unused bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com