Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 425Page - Renesas Technology Corp SH7708 Datasheet HTML 426Page - Renesas Technology Corp SH7708 Datasheet HTML 427Page - Renesas Technology Corp SH7708 Datasheet HTML 428Page - Renesas Technology Corp SH7708 Datasheet HTML 429Page - Renesas Technology Corp SH7708 Datasheet HTML 430Page - Renesas Technology Corp SH7708 Datasheet HTML 431Page - Renesas Technology Corp SH7708 Datasheet HTML 432Page - Renesas Technology Corp SH7708 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 633 page
background image
411
Table 14.7
Maximum Bit Rates for Frequencies (Smart Card Interface Mode)
P
φ (MHz)
Maximum Bit Rate (Bit/s)
N
n
7.1424
9600
0
0
10.00
13441
0
0
10.7136
14400
0
0
13.00
17473
0
0
14.2848
19200
0
0
16.00
21505
0
0
18.00
24194
0
0
The bit rate error is found as follows:
Error(%) = (
× 106 – 1) × 100
1488
× 22n–1 × B × (N + 1)
φ
P
Table 14.8 shows the relationship between transmit/receive clock register set values and output
states on the smart card interface.
Table 14.8
Register Set Values and SCK Pin
Register Value
SCK Pin
Setting
SMIF
C/
A
CKE1
CKE0
Output
State
1*1
1000
Port
Determined by setting of port
register SPB1IO and SPB1DT
bits
1001
SCK (serial clock) output state
2*2
1100
Low output
Low output state
1101
SCK (serial clock) output state
3*2
1110
High output
High output state
1111
SCK (serial clock) output state
Notes: 1. The SCK output state changes as soon as the CKE0 bit is modified. The CKE1 bit
should be cleared to 0.
2. The clock duty remains constant despite stopping and starting of the clock by
modification of the CKE0 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com