Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 428Page - Renesas Technology Corp SH7708 Datasheet HTML 429Page - Renesas Technology Corp SH7708 Datasheet HTML 430Page - Renesas Technology Corp SH7708 Datasheet HTML 431Page - Renesas Technology Corp SH7708 Datasheet HTML 432Page - Renesas Technology Corp SH7708 Datasheet HTML 433Page - Renesas Technology Corp SH7708 Datasheet HTML 434Page - Renesas Technology Corp SH7708 Datasheet HTML 435Page - Renesas Technology Corp SH7708 Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 633 page
background image
414
Serial Data Transmission: The handling procedures in the smart card mode differ from ordinary
SCI processing because data is retransmitted when an error signal is sampled during a data
transmission. This results in the transmission processing flowchart shown in figure 14.6.
1. Initialize the smart card interface mode as described in initialization above.
2. Check that the FER/ERS bit in SCSSR is cleared to 0.
3. Repeat steps 2 and 3 until the TEND flag in SCSSR is set to 1.
4. Write the transmit data into SCTDR, clear the TDRE flag to 0 and start transmitting. The
TEND flag will be cleared to 0.
5. To transmit more data, return to step 2.
6. To end transmission, clear the TE bit to 0.
This processing can be interrupted. When the TIE bit is set to 1 and interrupt requests are enabled,
a transmit-data-empty interrupt (TXI) will be requested when the TEND flag is set to 1 at the end
of the transmission. When the RIE bit is set to 1 and interrupt requests are enabled, a
communication error interrupt (ERI) will be requested when the ERS flag is set to 1 when an error
occurs in transmission. See Interrupt Operation below for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com