Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 432Page - Renesas Technology Corp SH7708 Datasheet HTML 433Page - Renesas Technology Corp SH7708 Datasheet HTML 434Page - Renesas Technology Corp SH7708 Datasheet HTML 435Page - Renesas Technology Corp SH7708 Datasheet HTML 436Page - Renesas Technology Corp SH7708 Datasheet HTML 437Page - Renesas Technology Corp SH7708 Datasheet HTML 438Page - Renesas Technology Corp SH7708 Datasheet HTML 439Page - Renesas Technology Corp SH7708 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 633 page
background image
418
Switching Modes: When switching from receive mode to transmit mode, check that the receive
operation is completed before starting initialization and setting RE to 0 and TE to 1. The RDRF,
PER, and ORER flags can be used to check if reception is completed. When switching from
transmit mode to receive mode, check that the transmit operation is completed before starting
initialization and setting TE to 0 and RE to 1. The TEND flag can be used to check if transmission
is completed.
Interrupt Operation: In the smart card interface mode, there are three types of interrupts:
transmit-data-empty (TXI), communication error (ERI) and receive-data-full (RXI). In this mode,
the transmit-end interrupt (TEI) cannot be requested.
Set the TEND flag in SCSSR to 1 to request a TXI interrupt. Set the RDRF flag in SCSSR to 1 to
request an RXI interrupt. Set the ORER, PER, or FER/ERS flag in SCSSR to 1 to request an ERI
interrupt (table 14.9).
Table 14.9
Smart Card Mode Operating Status and Interrupt Sources
Mode
Status
Flag
Mask Bit
Interrupt Source
Transmit mode
Normal
TEND
TIE
TXI
Error
FER/ERS
RIE
ERI
Receive mode
Normal
RDRF
RIE
RXI
Error
PER,
ORER
RIE
ERI
14.4
Usage Notes
When the SCI is used as a smart card interface, be sure that all criteria in sections 14.4.1 and
14.4.2 are applied.
14.4.1
Receive Data Timing and Receive Margin in Asynchronous Mode
In asynchronous mode, the SCI runs on a basic clock with a frequency of 372 times the transfer
rate. During reception, the SCI samples the fall of the start bit using the base clock to achieve
internal synchronization. Receive data is latched internally on the rising edge of the 186th basic
clock cycle (figure 14.8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com