Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 433Page - Renesas Technology Corp SH7708 Datasheet HTML 434Page - Renesas Technology Corp SH7708 Datasheet HTML 435Page - Renesas Technology Corp SH7708 Datasheet HTML 436Page - Renesas Technology Corp SH7708 Datasheet HTML 437Page - Renesas Technology Corp SH7708 Datasheet HTML 438Page - Renesas Technology Corp SH7708 Datasheet HTML 439Page - Renesas Technology Corp SH7708 Datasheet HTML 440Page - Renesas Technology Corp SH7708 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 633 page
background image
419
0
185
371 0
185
371 0
Base clock
Receive
data (RxD)
Synchro-
nization
sampling
timing
Data
sampling
timing
186 clock cycles
372 clock cycles
Start
bit
D0
D1
Figure 14.8 Receive Data Sampling Timing in Smart Card Mode
The receive margin is found from the following equation:
For smart card mode:
M = (0.5 –
)
1
2N
D – 0.5
N
– (L – 0.5)F –
(1 + F)
× 100%
Where:
M = Receive margin (%)
N = Ratio of bit rate to clock (N = 372)
D = Clock duty (D = 0 to 1.0)
L = Frame length (L = 10)
F = Absolute value of clock frequency deviation
Using this equation, the receive margin when F = 0 and D = 0.5 is as follows:
M = (0.5 – 1/2
× 372) × 100% = 49.866%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com