Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 437Page - Renesas Technology Corp SH7708 Datasheet HTML 438Page - Renesas Technology Corp SH7708 Datasheet HTML 439Page - Renesas Technology Corp SH7708 Datasheet HTML 440Page - Renesas Technology Corp SH7708 Datasheet HTML 441Page - Renesas Technology Corp SH7708 Datasheet HTML 442Page - Renesas Technology Corp SH7708 Datasheet HTML 443Page - Renesas Technology Corp SH7708 Datasheet HTML 444Page - Renesas Technology Corp SH7708 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 633 page
background image
423
Section 15 I/O Ports
15.1
Overview
The has an on-chip 8-bit general-purpose I/O port and an on-chip I/O port for the serial
communication interface (SCI).
15.1.1
Features
The general-purpose I/O port has the following features:
• Direction of each bit of the 8-bit I/O port can be set independently
• When each bit is set for input mode, it is possible to set each bit for independent pull-up
• Ports can be used as I/O ports or as data bus lines, for a maximum data bus width of 32 bits, by
setting the PORTEN bit in bus control register 2 (BCR2)
The SCI I/O port has the following features:
• When the I/O port is set to output and the SCI is not enabled, data can be output. This allows
transmission of the break status. SCK pin control is also possible.
• The value of the RxD pin can be read at any time. This enables break detection.
15.1.2
Block Diagram
Figure 15.1 shows a block diagram of the 8-bit general-purpose I/O port.
PORT7 (I/O)/D23 (I/O)
PORT6 (I/O)/D22 (I/O)
PORT5 (I/O)/D21 (I/O)
PORT4 (I/O)/D20 (I/O)
PORT3 (I/O)/D19 (I/O)
PORT2 (I/O)/D18 (I/O)
PORT1 (I/O)/D17 (I/O)
PORT0 (I/O)/D16 (I/O)
8-bit
port
Figure 15.1 8-Bit I/O Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com