Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 434Page - Renesas Technology Corp SH7708 Datasheet HTML 435Page - Renesas Technology Corp SH7708 Datasheet HTML 436Page - Renesas Technology Corp SH7708 Datasheet HTML 437Page - Renesas Technology Corp SH7708 Datasheet HTML 438Page - Renesas Technology Corp SH7708 Datasheet HTML 439Page - Renesas Technology Corp SH7708 Datasheet HTML 440Page - Renesas Technology Corp SH7708 Datasheet HTML 441Page - Renesas Technology Corp SH7708 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 633 page
background image
420
14.4.2
Retransmission (Receive and Transmit Modes)
Retransmission by the SCI in Receive Mode: Figure 14.9 shows the retransmission operation in
the SCI receive mode.
1. When the received parity bit is checked and an error is found, the PER bit in SCSSR is
automatically set to 1. If the RIE bit in SCSCR is enabled at this time, an ERI interrupt is
requested. Be sure to clear the PER bit before the next parity bit is sampled.
2. The RDRF bit in SCSSR is not set in the frame that caused the error.
3. When the received parity bit is checked and no error is found, the PER bit in SCSSR is not set.
4. When the received parity bit is checked and no error is found, reception is considered to have
been completed normally and the RDRF bit in SCSSR is automatically set to 1. If the RIE bit
in SCSCR is enabled at this time, an RXI interrupt is requested.
5. When a normal frame is received, the pin maintains a three-state status when it transmits the
error signal.
D0
Ds
D2
D1
D4
D3
D6
D5
Dp DE
D7
D0
Ds
D2
D1
D4
D3
D6
D5
Dp
(DE)
D7
D0
Ds
D2
D1
D4
D3
nth transfer frame
RDRF
PER
2
1
4
5
3
Retransmitted frame
Transfer frame n + 1
Figure 14.9 Retransmission in SCI Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com