Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 435Page - Renesas Technology Corp SH7708 Datasheet HTML 436Page - Renesas Technology Corp SH7708 Datasheet HTML 437Page - Renesas Technology Corp SH7708 Datasheet HTML 438Page - Renesas Technology Corp SH7708 Datasheet HTML 439Page - Renesas Technology Corp SH7708 Datasheet HTML 440Page - Renesas Technology Corp SH7708 Datasheet HTML 441Page - Renesas Technology Corp SH7708 Datasheet HTML 442Page - Renesas Technology Corp SH7708 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 633 page
background image
421
Retransmission by the SCI in Transmit Mode: Figure 14.10 shows the retransmission operation
in the SCI transmit mode.
1. After transmission of one frame is completed, the FER/ERS bit in SCSSR is set to 1 when a
error signal is returned from the receiving side. If the RIE bit in SCSCR is enabled at this time,
an ERI interrupt is requested. Be sure to clear the FER/ERS bit before the next parity bit is
sampled.
2. The TEND bit in SCSSR is not set in the frame that received the error signal that indicated the
error.
3. The FER/ERS bit in SCSR is not set when no error signal is returned from the receiving side.
4. When no error signal is returned from the receiving side, the TEND bit in SCSSR is set to 1
when the transmission of the frame that includes the retransmission is considered completed. If
the TIE bit in SCSCR is enabled at this time, a TXI interrupt will be requested.
D0
Ds
D2
D1
D4
D3
D6
D5
Dp DE
D7
D0
Ds
D2
D1
D4
D3
D6
D5
Dp
(DE)
D7
D0
Ds
D2
D1
D4
D3
nth transfer frame
TEND
FER/ERS
Transfer from TDR to TRS
Transfer from TDR to TRS
Transfer from
TDR to TRS
1
2
4
3
Retransmitted frame
Transfer frame n + 1
TDRE
Figure 14.10 Retransmission in SCI Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com