Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 430Page - Renesas Technology Corp SH7708 Datasheet HTML 431Page - Renesas Technology Corp SH7708 Datasheet HTML 432Page - Renesas Technology Corp SH7708 Datasheet HTML 433Page - Renesas Technology Corp SH7708 Datasheet HTML 434Page - Renesas Technology Corp SH7708 Datasheet HTML 435Page - Renesas Technology Corp SH7708 Datasheet HTML 436Page - Renesas Technology Corp SH7708 Datasheet HTML 437Page - Renesas Technology Corp SH7708 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 633 page
background image
416
Serial Data Reception: The handling procedures in the smart card mode are the same as in
ordinary SCI processing. The reception processing flowchart is shown in figure 14.7.
1. Initialize the smart card interface mode as described above in Initialization and in figure 14.5.
2. Check that the ORER and PER flags in SCSSR are cleared to 0. If either flag is set, clear both
to 0 after performing the appropriate error handling procedures.
3. Repeat steps 2 and 3 until the RDRF flag is set to 1.
4. Read the receive data from SCRDR.
5. To receive more data, clear the RDRF flag to 0 and return to step 2.
6. To end reception, clear the RE bit to 0.
This processing can be interrupted. When the RIE bit is set to 1 and interrupt requests are enabled,
a receive-data-full interrupt (RXI) will be requested when the RDRF flag is set to 1 at the end of
the reception. When an error occurs during reception and either the ORER or PER flag is set to 1,
a communication error interrupt (ERI) will be requested. See Interrupt Operation, below, for more
information.
The received data will be transferred to SCRDR even when a parity error occurs during reception
and PER is set to 1, so this data can still be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com