Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 441Page - Renesas Technology Corp SH7708 Datasheet HTML 442Page - Renesas Technology Corp SH7708 Datasheet HTML 443Page - Renesas Technology Corp SH7708 Datasheet HTML 444Page - Renesas Technology Corp SH7708 Datasheet HTML 445Page - Renesas Technology Corp SH7708 Datasheet HTML 446Page - Renesas Technology Corp SH7708 Datasheet HTML 447Page - Renesas Technology Corp SH7708 Datasheet HTML 448Page - Renesas Technology Corp SH7708 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 633 page
background image
427
15.1.4
Register Configuration
Table 15.3 shows the configuration of the two registers of the 8-bit general-purpose I/O port
(PCTR and PDTR) and the one register of the SCI I/O port (SCSPTR).
Table 15.3
Register Configuration
Register
Symbol
R/W
Initial Value*
1
Address
Access Size
Port control register
PCTR
R/W
H'0000
H'FFFFFF76
16
Port data register
PDTR
R/W
Undefined
H'FFFFFF78
8
Serial port register
SCSPTR
R/W
*
2
H'FFFFFF7C
8
Notes: 1. Initialized by a power-on reset.
2. Bits other than 2 and 0 are initialized to H'00. Bits 2 and 0 are undefined.
15.2
Register Descriptions
15.2.1
Port Control Register (PCTR)
Bit:
15
14
13
12
11
10
9
8
Bit name:
PB7
PUP
PB7
IO
PB6
PUP
PB6
IO
PB5
PUP
PB5
IO
PB4
PUP
PB4
IO
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
PB3
PUP
PB3
IO
PB2
PUP
PB2
IO
PB1
PUP
PB1
IO
PB0
PUP
PB0
IO
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port control register (PCTR) is a 16-bit read/write register that controls the input/output
direction and pull-up for each bit in the 8-bit port. As the initial value of the port data register
(PDR) is undefined, all the bits in the 8-bit port should be set to output with PCTR after writing a
value to the PDTR register.
PCTR is initialized to H'0000 by a power-on reset. It is not initialized by a manual reset or in
standby mode, and retains its contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com