Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 442Page - Renesas Technology Corp SH7708 Datasheet HTML 443Page - Renesas Technology Corp SH7708 Datasheet HTML 444Page - Renesas Technology Corp SH7708 Datasheet HTML 445Page - Renesas Technology Corp SH7708 Datasheet HTML 446Page - Renesas Technology Corp SH7708 Datasheet HTML 447Page - Renesas Technology Corp SH7708 Datasheet HTML 448Page - Renesas Technology Corp SH7708 Datasheet HTML 449Page - Renesas Technology Corp SH7708 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 633 page
background image
428
Bit 2n + 1 (n = 0–7): Port Pull-Up Control (PBnPUP): Controls the pull-up of each bit in the 8-bit
port by means of built-in resistors. This setting is valid even if the port pin is set to output by the
PBnIO bit. Therefore, to avoid unnecessary power consumption and ensure the reliability of the
chip, a pull-up setting should not be made when the corresponding port pin has been set to output.
Bit 2n + 1: PBnPUP Description
0
Bit n (n = 0–7) of the 8-bit port is pulled up.
(Initial value)
1
Bit n (n = 0–7) of the 8-bit port is not pulled up.
Bit 2n (n = 0–7)—Port I/O Control (PBnDIR): Controls whether each bit of 8-bit port is an input
or an output.
Bit 2n: PBnIO
Description
0
Bit n (n = 0–7) of the 8-bit port is an input.
(Initial value)
1
Bit n (n = 0–7) of the 8-bit port is an output.
15.2.2
Port Data Register (PDTR)
The port data register (PDTR) is an 8-bit read/write register used as data latches for each bit of the
8-bit port. When a bit is set to be used as an output, the value written into PDTR is output from the
external pin. When a value is read from PDTR, the external pin value sampled on the external bus
clock is returned.
PDTR is not initialized by a power-on reset or manual reset, or in standby mode, and it retains its
contents. However, if PDTR is read when a bus release request is issued (when
BREQ is asserted),
its value may not be read correctly. Therefore,
BREQ should not be asserted when reading PDTR.
Bit:
7
6
5
4
3
2
1
0
Bit name:
PB7DT
PB6DT
PB5DT
PB4DT
PB3DT
PB2DT
PB1DT
PB0DT
Initial value:
—
—
—
—
—
—
—
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com