Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 444Page - Renesas Technology Corp SH7708 Datasheet HTML 445Page - Renesas Technology Corp SH7708 Datasheet HTML 446Page - Renesas Technology Corp SH7708 Datasheet HTML 447Page - Renesas Technology Corp SH7708 Datasheet HTML 448Page - Renesas Technology Corp SH7708 Datasheet HTML 449Page - Renesas Technology Corp SH7708 Datasheet HTML 450Page - Renesas Technology Corp SH7708 Datasheet HTML 451Page - Renesas Technology Corp SH7708 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 633 page
background image
430
Bit 1—Serial Port Break I/O (SPB0IO): Specifies the serial port TxD pin output condition. When
the TxD pin is actually set as a port output pin and outputs the value set by the SPB0DT bit, the
TE bit in SCSCR should be cleared to 0.
Bit 1: SPB0IO
Description
0
The SPB0DT bit value is not output to the TxD pin.
(Initial value)
1
The SPB0DT bit value is output to the TxD pin.
Bit 0–Serial Port Break Data (SPB0DT): Specifies serial port RxD pin input data and TxD pin
output data. The TxD pin output condition is set with the SPB0IO bit (see the description of
SPB0IO above). When the TxD pin is set as an output, the value of the SPB0DT bit is output to
the TxD pin. The RxD pin value is always read from the SPB0DT bit, regardless of the value of
the SPB0IO bit. The initial value of this bit after a power-on reset is undefined.
Bit 0 : SPB0DT
Description
0
I/O data level is low.
(Initial value)
1
I/O data level is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com