Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 447Page - Renesas Technology Corp SH7708 Datasheet HTML 448Page - Renesas Technology Corp SH7708 Datasheet HTML 449Page - Renesas Technology Corp SH7708 Datasheet HTML 450Page - Renesas Technology Corp SH7708 Datasheet HTML 451Page - Renesas Technology Corp SH7708 Datasheet HTML 452Page - Renesas Technology Corp SH7708 Datasheet HTML 453Page - Renesas Technology Corp SH7708 Datasheet HTML 454Page - Renesas Technology Corp SH7708 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 633 page
background image
433
Table 16.2
DC Characteristics (Ta
= –20 to 75°C) (cont)
Item
Symbol Min
Type Max
Unit
Remarks
Output
voltage
All output pins
VOH
2.4
—
—
V
VCC = 3.0 V,
IOH
= –200 µA
2.0
—
—
VCC = 3.0 V,
IOH
= –2 mA
VOL
—
—
0.55
VCC = 3.6 V,
IOL
= 1.6 mA
Pull-up
resistance
Port pins
Rpull
30
60
120
k
Ω
Terminal
capaci-
tance
All pins
C
—
—
20
pF
Notes: 1. Regardless of whether PLL or RTC is used, connect PLLVCC, RTCVCC to VCC, and
PLLGND, RTCGND to GND.
2. With VIH min
= V
CC – 0.5 V, VIL max = 0.5 V, and all output pins unloaded.
Table 16.3
Permissible Output Current Values (VCC = 3.3 ± 0.3 V, Ta = –20 to 75°C)
Item
Symbol
Min
Typ
Max
Unit
Permissible output low current (per pin)
IOL
—
—
2.0
mA
Permissible output low current (total)
ΣIOL
—
—
120
Permissible output high current (per pin)
–IOH
—
—
2.0
Permissible output high current (total)
Σ (–IOH)
—
—
40
Note:
To ensure reliability, output current must not exceed the maximum values listed.
16.3
AC Characteristics
Input for the SH7708 Series should, as a rule, be clock synchronous. Keep to the setup and hold
times for each input signal unless otherwise directed.
Table 16.4
LSI Clock Values (Ta
= –20 to 75°C)
Item
Symbol
Min
Typ
Max
Unit
Operating
CPU, cache, TLB
f
1
—
60
MHz
frequency
External bus
1
—
60
Peripheral modules
0.25
—
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com