Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 446Page - Renesas Technology Corp SH7708 Datasheet HTML 447Page - Renesas Technology Corp SH7708 Datasheet HTML 448Page - Renesas Technology Corp SH7708 Datasheet HTML 449Page - Renesas Technology Corp SH7708 Datasheet HTML 450Page - Renesas Technology Corp SH7708 Datasheet HTML 451Page - Renesas Technology Corp SH7708 Datasheet HTML 452Page - Renesas Technology Corp SH7708 Datasheet HTML 453Page - Renesas Technology Corp SH7708 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 633 page
background image
432
16.2
DC Characteristics
Table 16.2
DC Characteristics (Ta
= –20 to 75°C)
Item
Symbol Min
Type Max
Unit Remarks
Power supply voltage
VCC
3.0
3.3
3.6
V
In normal operation, sleep
mode, and standby mode
2.0
3.3
3.6
RTC operating voltage in
standby mode
Current
Normal operation
ICC
—
—
195*1
mA VCC = 3.3 V
—
—
100*2
*1: 60 MHz (Pø = 30 MHz)
—
—
50*3
*2: 30 MHz
In sleep mode
—
75*1
95*1
*3: 15 MHz
—
40*2
50*2
—
20*3
25*3
In standby mode
—
15
30
µA Ta = 25°C (RTC on)
—
—
400
Ta > 50°C (RTC on)
—
5
15
Ta = 25°C (RTC off)
—
—
300
Ta > 50°C (RTC off)
Input
RESET, NMI
VIH
VCC × 0.9 —
VCC + 0.3 V
voltage
BREQ, IRL3–IRL0,
VCC – 0.5 —
VCC + 0.3
Standby mode
MD5–MD0
VCC – 0.7 —
VCC + 0.3
Normal operation
EXTAL, CKIO
VCC – 0.7 —
VCC + 0.3
Other input pins
2.0
—
VCC + 0.3
RESET, NMI
VIL
–0.3
—
VCC × 0.1
BREQ, IRL3–IRL0,
–0.3
—
0.5
Standby mode
MD5–MD0
–0.3
—
VCC × 0.2
Normal operation
Other input pins
–0.3
—
VCC × 0.2
Input leak
current
All input pins
|lin|
—
—
1.0
µAV
in = 0.5 to VCC – 0.5 V
Three-
state leak
current
I/O, output, all pins
(off condition)
|lsti|
—
—
1.0
µAV
in = 0.5 to VCC – 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com