Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 423Page - Renesas Technology Corp SH7708 Datasheet HTML 424Page - Renesas Technology Corp SH7708 Datasheet HTML 425Page - Renesas Technology Corp SH7708 Datasheet HTML 426Page - Renesas Technology Corp SH7708 Datasheet HTML 427Page - Renesas Technology Corp SH7708 Datasheet HTML 428Page - Renesas Technology Corp SH7708 Datasheet HTML 429Page - Renesas Technology Corp SH7708 Datasheet HTML 430Page - Renesas Technology Corp SH7708 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 633 page
background image
409
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
A
(Z)
Z
Z
A
Z
Z
Z
A
A
Z
(Z)
State
a. Direct convention (SDIR, SINV, and O/
E are all 0)
Ds
D7
D6
D5
D4
D3
D2
D1
D0
Dp
A
(Z)
Z
Z
A
A
A
A
A
A
Z
(Z)
State
b. Inverse convention (SDIR, SINV, and O/
E are all 1)
Figure 14.4 Waveform of Start Character
14.3.5
Clock
Only the internal clock generated by the on-chip baud rate generator can be used as the
communication clock in the smart card interface. The bit rate for the clock is set by the bit rate
register (SCBRR) and the CKS1 and CKS0 bits in the serial mode register (SCSMR), and is
calculated using the equation below. Table 14.5 shows sample bit rates. If clock output is then
selected by setting CKE0 to 1, a clock with a frequency 372 times the bit rate is output from the
SCK0 pin.
B =
× 106
1488
× 22n–1 × (N + 1)
φ
P
Where:
N = Value set in SCBRR (0
≤ N ≤ 255)
B = Bit rate (bit/s)
P
φ = Peripheral module operating frequency (MHz)*
n = 0–3 (table 14.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com