Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 452Page - Renesas Technology Corp SH7708 Datasheet HTML 453Page - Renesas Technology Corp SH7708 Datasheet HTML 454Page - Renesas Technology Corp SH7708 Datasheet HTML 455Page - Renesas Technology Corp SH7708 Datasheet HTML 456Page - Renesas Technology Corp SH7708 Datasheet HTML 457Page - Renesas Technology Corp SH7708 Datasheet HTML 458Page - Renesas Technology Corp SH7708 Datasheet HTML 459Page - Renesas Technology Corp SH7708 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 633 page
background image
438
Table 16.7
Clock Timing (VCC = 3.3 ± 0.3 V, Ta = –20 to 75°C, Maximum External Bus
Operating Frequency: 60 MHz)
Item
Symbol
Min
Max
Unit
Figure
EXTAL clock input frequency
fEX
2
60
MHz
16.1
EXTAL clock input cycle time
tEXcyc
16.7
500
ns
EXTAL clock input low-level pulse width
tEXL
4*1 or 10*2
—ns
EXTAL clock input high-level pulse width
tEXH
4*1 or 10*2
—ns
EXTAL clock input rise time
tEXr
—2
ns
EXTAL clock input fall time
tEXf
—2
ns
CKIO clock frequency (input)
fCKI
8
60
MHz
16.2
CKIO clock cycle time (input)
tCKIcyc
16.7
125
ns
CKIO clock low-level pulse width (input)
tCKIL
4—
ns
CKIO clock high-level pulse width (input)
tCKIH
4—
ns
CKIO clock rise time (input)
tCKIr
—2
ns
CKIO clock fall time (input)
tCKIf
—2
ns
CKIO clock output frequency (output)
fOP
1
60
MHz
16.3
CKIO clock cycle time (output)
tcyc
16.7
1000
ns
CKIO clock low-level pulse width (output)
tCKOL
3—
ns
CKIO clock high-level pulse width (output)
tCKOH
3—
ns
CKIO clock rise time (output)
tCKOr
—5
ns
CKIO clock fall time (output)
tCKOf
—5
ns
Power-on oscillation settling time
tOSC1
10
—
ms
16.4
Power-on oscillation settling time/mode
setting
tOSCMD
10
—
ms
BREQ reset hold time
tBREQRH
0—
ns
RESET set-up time
tRESS
20
—
ns
BREQ set-up time
tBREQS
20
—
ns
MD reset hold time
tMDRH
20
—
ns
Reset assert time
tRESW
20
—
tcyc
16.4,
16.5,
16.11
Standby return oscillation settling time 1
tOSC2
10
—
ms
16.5
Standby return oscillation settling time 2
tOSC3
10
—
ms
16.6
Standby return oscillation settling time 3
tOSC4
11
—
ms
16.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com