Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 453Page - Renesas Technology Corp SH7708 Datasheet HTML 454Page - Renesas Technology Corp SH7708 Datasheet HTML 455Page - Renesas Technology Corp SH7708 Datasheet HTML 456Page - Renesas Technology Corp SH7708 Datasheet HTML 457Page - Renesas Technology Corp SH7708 Datasheet HTML 458Page - Renesas Technology Corp SH7708 Datasheet HTML 459Page - Renesas Technology Corp SH7708 Datasheet HTML 460Page - Renesas Technology Corp SH7708 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 633 page
background image
439
Table 16.7
Clock Timing (VCC = 3.3 ± 0.3 V, Ta = –20 to 75°C, Maximum External Bus
Operating Frequency: 60 MHz) (cont)
Item
Symbol
Min
Max
Unit
Figure
PLL synchronization settling time
tPLL
100
—
µs
16.8,
16.9,
16.10
IRL interrupt decision time (using RTC
and in standby mode)
tIRLSTB
100
—
µs
16.10
Notes: 1. PLL circuit 2 in operation.
2. IPLL circuit 2 not in operation.
tEXH
tEXf
tEXr
tEXL
tEXcyc
VIH
VIH
VIH
1/2 VCC
1/2 VCC
VIL
VIL
EXTAL*
(input)
Note: * The clock input from the EXTAL pin.
Figure 16.1 EXTAL Clock Input Timing
tCKIH
tCKIf
tCKIr
tCKIL
tCKIcyc
VIH
1/2 VCC
1/2 VCC
VIH
VIL
VIH
VIL
CKIO
(input)
Figure 16.2 CKIO Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com