Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 568Page - Renesas Technology Corp SH7708 Datasheet HTML 569Page - Renesas Technology Corp SH7708 Datasheet HTML 570Page - Renesas Technology Corp SH7708 Datasheet HTML 571Page - Renesas Technology Corp SH7708 Datasheet HTML 572Page - Renesas Technology Corp SH7708 Datasheet HTML 573Page - Renesas Technology Corp SH7708 Datasheet HTML 574Page - Renesas Technology Corp SH7708 Datasheet HTML 575Page - Renesas Technology Corp SH7708 Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 633 page
background image
554
17.3.11
AC Characteristics Test Conditions
• Input/output signal reference level: 1.5 V (VCC = 3.3–3.6V).
• Input pulse level: VSS to 3.0 V (when RESET, BREQ, NMI, IRL3–IRL0, CKIO, MD5–MD0
are VSS to VCC).
• Input rise/fall time: 1 ns
IOL
CL
VREF
IOH
LSI output pin
DUT output
Notes: 1.
2.
CL is the total capacitance including the test jig probe, as shown below:
30 pF: CKIO,
RAS, CASxx, CS0–CS6, CE2A, CE2B, BACK
50 pF: All other pins
IOL and IOH are the values shown in table 17.3
Figure 17.65 Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com