Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 572Page - Renesas Technology Corp SH7708 Datasheet HTML 573Page - Renesas Technology Corp SH7708 Datasheet HTML 574Page - Renesas Technology Corp SH7708 Datasheet HTML 575Page - Renesas Technology Corp SH7708 Datasheet HTML 576Page - Renesas Technology Corp SH7708 Datasheet HTML 577Page - Renesas Technology Corp SH7708 Datasheet HTML 578Page - Renesas Technology Corp SH7708 Datasheet HTML 579Page - Renesas Technology Corp SH7708 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 633 page
background image
558
A.2
Pin Specifications
Table A.2 shows the pin specifications.
Table A.2
Pin Specifications
Pin
Pin No.
I/O
Function
MD5/
RAS2
130
I/O
Operating mode pin (endian switching)/RAS (for DRAM).
MD signal is fetched in at power-on reset.
Switched to
RAS2 on area 2 DRAM enabling by register.
MD4/
CE2B
103
I/O
Operating mode pin (area 0 bus width)/PCMCIA
CE pin.
MD signal is fetched in at power-on reset.
Switched to
CE2B on area 6 PCMCIA enabling by
register.
MD3/
CE2A
104
I/O
Operating mode pin (area 0 bus width)/PCMCIA
CE pin.
MD signal is fetched in at power-on reset.
Switched to
CE2A on area 5 PCMCIA enabling by
register.
MD2/RXD
84
I
Operating mode pin/serial data input.
MD signal is fetched in at power-on reset.
Switched to RXD on SCI enabling by register.
MD1/TXD
85
I/O
Operating mode pin/serial data output.
MD signal is fetched in at power-on reset.
Switched to TXD on SCI enabling by register.
MD0/SCK
86
I/O
Operating mode pin/serial clock.
MD signal is fetched in at power-on reset.
Switched to SCK on SCI enabling by register.
STATUS1
97
O
Processor status
STATUS0
98
O
Processor status
A25 to A0
72 to 70,
67 to 61,
58 to 56,
53 to 51,
48 to 43,
40 to 37
O
Address bus
D31 to D24
140 to 143,
1 to 4
I/O
Data bus
D23 to D16/
Port 7 to Port 0
5, 8 to 14
I/O
Data bus / I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com