Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 579 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 579 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 575Page - Renesas Technology Corp SH7708 Datasheet HTML 576Page - Renesas Technology Corp SH7708 Datasheet HTML 577Page - Renesas Technology Corp SH7708 Datasheet HTML 578Page - Renesas Technology Corp SH7708 Datasheet HTML 579Page - Renesas Technology Corp SH7708 Datasheet HTML 580Page - Renesas Technology Corp SH7708 Datasheet HTML 581Page - Renesas Technology Corp SH7708 Datasheet HTML 582Page - Renesas Technology Corp SH7708 Datasheet HTML 583Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 633 page
background image
561
A.3
Handling of Unused Pins
• When RTC is not used
 EXTAL2:
Pull up
 XTAL2:
Leave unconnected
 V
CC (RTC):
Power supply (3.3 V)
 V
SS (RTC):
Power supply (0 V)
• When PLL1 is not used
 CAP1:
Leave unconnected
 V
CC (PLL):
Power supply (3.3 V)
 V
SS (PLL):
Power supply (0 V)
• When PLL2 is not used
 CAP2:
Leave unconnected
 V
CC (PLL):
Power supply (3.3 V)
 V
SS (PLL):
Power supply (0 V)
• When on-chip crystal oscillator is not used
 XTAL:
Leave unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com