Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 577 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 577 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 573Page - Renesas Technology Corp SH7708 Datasheet HTML 574Page - Renesas Technology Corp SH7708 Datasheet HTML 575Page - Renesas Technology Corp SH7708 Datasheet HTML 576Page - Renesas Technology Corp SH7708 Datasheet HTML 577Page - Renesas Technology Corp SH7708 Datasheet HTML 578Page - Renesas Technology Corp SH7708 Datasheet HTML 579Page - Renesas Technology Corp SH7708 Datasheet HTML 580Page - Renesas Technology Corp SH7708 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 633 page
background image
559
Table A.2
Pin Specifications (cont)
Pin
Pin No.
I/O
Function
D15 to D0
15 to 16,
21 to 29,
32 to 36
I/O
Data bus
CS6/CE1B
108
O
Chip select 6/PCMCIA
CE
CS5/CE1A
109
O
Chip select 5/PCMCIA
CE
CS4 to CS0
110 to 114
O
Chip select 4—chip select 0
BS
105
O
Bus cycle start
RAS/CE
129
O
DRAM, synchronous DRAM
RAS/pseudo-SRAM CE
CASHH/CAS2H 119
O
D31–D24 (DRAM
CAS)/D15–D8 (area 2 DRAM CAS)
select signal
CASHL/CAS2L 120
O
D23-D16 (DRAM
CAS)/D7–D0 (area 2 DRAM CAS)
select signal
CASLH
125
O
D15–D8 select signal (DRAM
CAS)
CASLL/CAS/OE 126
O
D7–D0 select (DRAM
CAS)/memory select signal
(synchronous DRAM
CAS/pseudo-SRAM OE)
WE3/DQMUU/
ICIOWR
117
O
D31–D24 select signal (normal memory, pseudo-SRAM
WE/synchronous DRAM DQM)/IO write (PCMCIA,
PCMCIB)
WE2/DQMUL/
ICIORD
118
O
D23–D16 select signal (normal memory, pseudo-SRAM
WE/synchronous DRAM DQM)/IO write (PCMCIA,
PCMCIB)
WE1/DQMLU
123
O
D15–D8 select signal (normal memory, pseudo-SRAM
WE/synchronous DRAM DQM)
WE0/DQMLL
124
O
D7–D0 select signal (normal memory, pseudo-SRAM
WE/synchronous DRAM DQM)
RD/
WR
106
O
Read/write (synchronous DRAM/DRAM/PCMCIA)
RD
107
O
Read pulse (PCMCIA/normal memory)
WAIT
132
I
Hardware wait request
IOIS16
94
I
IO16 bit indication (PCMCIA IO area)
BREQ
87
I
Bus request
BACK
96
O
Bus acknowledge
IRQOUT
95
O
Interrupt request notification
RESET
88
I
Reset
CA
81
I
Chip active
Causes a transition to hardware standby mode when
low. Drive high in a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com