Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 616 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 616 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 612Page - Renesas Technology Corp SH7708 Datasheet HTML 613Page - Renesas Technology Corp SH7708 Datasheet HTML 614Page - Renesas Technology Corp SH7708 Datasheet HTML 615Page - Renesas Technology Corp SH7708 Datasheet HTML 616Page - Renesas Technology Corp SH7708 Datasheet HTML 617Page - Renesas Technology Corp SH7708 Datasheet HTML 618Page - Renesas Technology Corp SH7708 Datasheet HTML 619Page - Renesas Technology Corp SH7708 Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 633 page
background image
598
Appendix B Control Registers
B.1
Register Address Map
The address map of memory-mapped control registers is shown in Table B-1. The following
module abbreviations are used.
MMU: Memory management unit
UBC:
User break controller
CPG:
Clock pulse generator
BSC:
Bus state controller
RTC:
Realtime clock
INTC: Interrupt controller
TMU:
Timer unit
SCI:
Serial communication interface controller
CAC:
Cache
The Bus column shows the internal bus to which the control register is connected.
S:
System bus, to which the CPU, cache, TLB, multiplier, and UBC are connected.
C: Cache bus, to which the BSC and cache are connected.
P:
Peripheral bus, to which the BSC and peripheral modules (RTC, INTC, TMU, and SCI)
are connected.
The Size column shows the register size in bits.
The Access Size column shows the size used when the control register is accessed (read or
written). If a size other than that indicated is used in an access, the result will be incorrect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com