Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 614Page - Renesas Technology Corp SH7708 Datasheet HTML 615Page - Renesas Technology Corp SH7708 Datasheet HTML 616Page - Renesas Technology Corp SH7708 Datasheet HTML 617Page - Renesas Technology Corp SH7708 Datasheet HTML 618Page - Renesas Technology Corp SH7708 Datasheet HTML 619Page - Renesas Technology Corp SH7708 Datasheet HTML 620Page - Renesas Technology Corp SH7708 Datasheet HTML 621Page - Renesas Technology Corp SH7708 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 633 page
background image
600
Table B.1 Memory-Mapped Control Register Address Map (cont)
Register
Abbreviation
Module
Bus
Address
Size
Access
Size
Wait state control register 1
WCR1
BSC
C
H'FFFFFF64
16
16
Wait state control register 2
WCR2
BSC
C
H'FFFFFF66
16
16
Individual memory control
register
MCR
BSC
C
H'FFFFFF68
16
16
DRAM control register
DCR
BSC
C
H'FFFFFF6A
16
16
PCMCIA control register
PCR
BSC
C
H'FFFFFF6C
16
16
Refresh timer control/status
register
RTCSR
BSC
C
H'FFFFFF6E
16
16
Refresh timer counter
RTCNT
BSC
C
H'FFFFFF70
16
16
Refresh timer constant
counter
RTCOR
BSC
C
H'FFFFFF72
16
16
Refresh count register
RFCR
BSC
C
H'FFFFFF74
16
16
Port control register
PCTR
BSC
C
H'FFFFFF76
16
16
Port data register
PDTR
BSC
C
H'FFFFFF78
8
8
Serial port register
SCSPTR
SCI
P
H'FFFFFF7C
8
8
SDRAM mode register
SDMR
BSC
C
H'FFFFD000
8
8
64 Hz counter
R64CNT
RTC
P
H'FFFFFEC0
8
8
Second counter
RSECCNT
RTC
P
H'FFFFFEC2
8
8
Minute counter
RMINCNT
RTC
P
H'FFFFFEC4
8
8
Hour counter
RHRCNT
RTC
P
H'FFFFFEC6
8
8
Day-of-week counter
RWKCNT
RTC
P
H'FFFFFEC8
8
8
Day counter
RDAYCNT
RTC
P
H'FFFFFECA
8
8
Month counter
RMONCNT
RTC
P
H'FFFFFECC
8
8
Year counter
RYRCNT
RTC
P
H'FFFFFECE
8
8
Second alarm register
RSECAR
RTC
P
H'FFFFFED0
8
8
Minute alarm register
RMINAR
RTC
P
H'FFFFFED2
8
8
Hour alarm register
RHRAR
RTC
P
H'FFFFFED4
8
8
Day-of-week alarm register
RWKAR
RTC
P
H'FFFFFED6
8
8
Day alarm register
RDAYAR
RTC
P
H'FFFFFED8
8
8
Month alarm register
RMONAR
RTC
P
H'FFFFFEDA
8
8
RTC control register 1
RCR1
RTC
P
H'FFFFFEDC
8
8
RTC control register 2
RCR2
RTC
P
H'FFFFFEDE
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com