Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 118Page - Renesas Technology Corp SH7708 Datasheet HTML 119Page - Renesas Technology Corp SH7708 Datasheet HTML 120Page - Renesas Technology Corp SH7708 Datasheet HTML 121Page - Renesas Technology Corp SH7708 Datasheet HTML 122Page - Renesas Technology Corp SH7708 Datasheet HTML 123Page - Renesas Technology Corp SH7708 Datasheet HTML 124Page - Renesas Technology Corp SH7708 Datasheet HTML 125Page - Renesas Technology Corp SH7708 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 633 page
background image
104
In the address field, specify the entry address for selecting the entry (bits 10–4), W for selecting
the way (bits 12–11: 00 is way 0, 01 is way 1, 10 is way 2, 11 is way 3 in normal mode (8-kbyte
cache); 00 and 10 are way 0, and 01 and 11 are way 1 in RAM mode), and H'F0 to indicate
address array access (bits 31–24).
When writing, specify bit 3 as the A bit. The A bit indicates whether addresses are compared
during writing. When the A bit is 1, the addresses of the four entries selected by the entry
addresses are compared to the addresses to be written into the address array specified in the data
field. Writing takes place to the way that has a hit. When a miss occurs, nothing is written to the
address array and no operation occurs. The way number (W) specified in bits 12–11 is not used.
When the A bit is 0, it is written to the entry selected with the entry address and way number
without comparing addresses. The address specified by bits 31–10 in the data specification in
figure 5.5 (1), address array access, is a virtual address. When the MMU is enabled, the address is
translated into a physical address, then the physical address is used in comparing addresses when
the A bit is 1. The physical address is written into the address array.
When reading, the address tag, V bit, U bit, and LRU bits of the entry specified by the entry
address and way number (W) are read using the data format shown in figure 5.5 without
comparing addresses. To invalidate a specific entry, specify the entry by its entry address and way
number, and write 0 to its V bit. To invalidate only an entry for an address to be invalidated,
specify 1 for the A bit.
When an entry for which 0 is written to the V bit has a U bit set to 1, if it is a valid entry it will be
written back. This allows coherency to be achieved between the external memory and cache by
invalidating the entry. However, when 0 is written to the V bit, 0 must also be written to the U bit
of that entry.
In the SH7708 Series, the top 3 bits of the 32-bit physical address are treated as a shadow (see
section 10, Bus State Controller (BSC)). Therefore, in the event of a cache miss, 0 is registered in
the top 3 bits of the address array address tag.
When directly changing the address array using the MOV instruction, also, a value other than 0
must not be set in the top 3 bits of the address tag.
5.4.2
Data Array
The data array is mapped onto H'F1000000 to H'F1FFFFFF. To access a data array, the 32-bit
address field (for read/write accesses) and 32-bit data field (for write accesses) must be specified.
The address field specifies information for selecting the entry to be accessed; the data field
specifies the longword data to be written to the data array (figure 5.5 (2)).
In the address field, specify the entry address for selecting the entry (bits 10–4), L for indicating
the longword position within the (16-byte) line (bits 3–2: 00 is longword 0, 01 is longword 1, 10 is
longword 2, 11 is longword 3), W for selecting the way (bits 12–11: 00 is way 0, 01 is way 1, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com