Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 114Page - Renesas Technology Corp SH7708 Datasheet HTML 115Page - Renesas Technology Corp SH7708 Datasheet HTML 116Page - Renesas Technology Corp SH7708 Datasheet HTML 117Page - Renesas Technology Corp SH7708 Datasheet HTML 118Page - Renesas Technology Corp SH7708 Datasheet HTML 119Page - Renesas Technology Corp SH7708 Datasheet HTML 120Page - Renesas Technology Corp SH7708 Datasheet HTML 121Page - Renesas Technology Corp SH7708 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 633 page
background image
100
0CF
WT
CE
4
RA
...
...
...
...
...
...
...
...
...
5
6
—
31
RAM bit. Indicates the cache operation mode.
1 = 4 kbytes cache/4 kbytes cache (RAM mode)
0 = 8 kbytes cache (normal mode)
Always set to 0 when setting the register.
Cache flush bit. Invalidates all cache entries. 1 = flush (clears the V, U, and LRU bits
of all entries to 0).
Always reads 0. Write-back to external memory is not performed when the cache is
flushed.
Reserved bits. Always read 0; and the write value should always be 0.
Write-through bit. Indicates the cache’s operating mode for areas P0, U0, and P3.
1 = write-through mode, 0 = write-back mode.
Cache enable bit. Indicates whether the cache function is used.
1 = cache used, 0 = cache not used.
P1 area write-back/write-through switching bit
1 = write-back mode, 0 = write-through mode
RA:
0:
CF:
—:
WT:
CE:
CB:
32
1
0
*
Note:SH7708:Reserved bit
SH7708S,SH7708R:CB
Figure 5.2 CCR Register Configuration
5.3
Cache Operation
5.3.1
Searching the Cache
If the cache is enabled, whenever instructions or data in memory are accessed the cache will be
searched to see if the desired instruction or data is in the cache. Figure 5.3 illustrates the method
by which the cache is searched. The cache is a physical cache and holds physical addresses in its
address section.
Entries are selected using bits 10–4 of the address (virtual) of the access to memory and the
address tag of that entry is read. In parallel to reading of the address tag, the virtual address is
translated to a physical address in the MMU. The physical address after translation and the
physical address read from the address section are compared. The address comparison uses all four
ways in normal mode. In RAM mode, two ways (way 0 and way 1) are used in the address
comparison. When the comparison shows a match and the selected entry is valid (V = 1), a cache
hit occurs. When the comparison does not show a match or the selected entry is not valid (V = 0),
a cache miss occurs. Figure 5.3 shows a hit on way 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com